Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC1550TG-G Arkusz danych(PDF) 3 Page - Supertex, Inc

Numer części TC1550TG-G
Szczegółowy opis  N- and P-Channel Enhancement-Mode Dual MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUTEX [Supertex, Inc]
Strona internetowa  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC1550TG-G Arkusz danych(HTML) 3 Page - Supertex, Inc

  TC1550TG-G Datasheet HTML 1Page - Supertex, Inc TC1550TG-G Datasheet HTML 2Page - Supertex, Inc TC1550TG-G Datasheet HTML 3Page - Supertex, Inc TC1550TG-G Datasheet HTML 4Page - Supertex, Inc TC1550TG-G Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
TC1550
N-Channel Electrical Characteristics (cont.)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
C
ISS
Input Capacitance
-
45
55
pF
V
GS = 0V,
V
DS = 25V,
f = 1MHz
C
OSS
Common Source Output Capacitance
-
8.0
10
C
RSS
Reverse Transfer Capacitance
-
2.0
5.0
t
d(ON)
Turn-ON Delay Time
-
-
10
ns
V
DD = 25V,
I
D = 150mA,
R
GEN = 25Ω
t
r
Rise Time
-
-
15
t
d(OFF)
Turn-Off Delay Time
-
-
10
t
f
Fall Time
-
-
10
V
SD
Diode Forward Voltage Drop
-
0.8
-
V
V
GS = 0V, ISD = 500mA
t
rr
Reverse Recovery Time
-
300
-
ns
V
GS = 0V, ISD = 500mA
Symbol
Parameter
Min
Typ
Max
Units
Conditions
BV
DSS
Drain-to-SourceBreakdown Voltage
-500
-
-
V
V
GS = 0V, ID = -1mA
V
GS(th)
Gate Threshold Voltage
-2.0
-
-4.5
V
V
GS = VDS, ID = -1mA
ΔV
GS(th)
Change in VGS(th) with Temperature
-
3.5
6.0
mV/OCV
GS = VDS, ID = -1mA
I
GSS
Gate Body Leakage Current
-
-
100
nA
V
GS = ±20V, VDS = 0V
I
DSS
Zero Gate Voltage Drain Current
--
-10
µA
V
GS = 0V, VDS = Max Rating
--
-1.0
mA
V
DS = 0.8 Max Rating,
V
GS = 0V, TA = 125°C
I
D(ON)
On-State Drain Current
--90
-
mA
V
GS = -5.0V, VDS = -25V
-100
-240
-
V
GS = -10V, VDS = -25V
R
DS(ON)
Static Drain-to-Source
ON-State Resistance
-85-
Ω
V
GS = -5.0V, ID = -5.0mA
-80
125
V
GS = -10V, ID = -10mA
ΔR
DS(ON)
Change in R
DS(ON) with Temperature
-
0.85
-
%/OCV
GS = -10V, ID = -10mA
G
FS
Forward Transconductance
25
40
-
mmho
V
DS = -25V, ID = -10mA
C
ISS
Input Capacitance
-
40
70
pF
V
GS = 0V,
V
DS = -25V,
f = 1MHz
C
OSS
Common Source Output Capacitance
-
10
20
C
RSS
Reverse Transfer Capacitance
-
3.0
10
t
d(ON)
Turn-ON Delay Time
-
5.0
10
ns
V
DD = -25V,
I
D = -100mA,
R
GEN = 25Ω
t
r
Rise Time
-
8.0
10
t
d(OFF)
Turn-Off Delay Time
-
8.0
15
t
f
Fall Time
-
5.0
16
V
SD
Diode Forward Voltage Drop
-
-0.8
-1.5
V
V
GS = 0V, ISD = -100mA
t
rr
Reverse Recovery Time
-
200
-
ns
V
GS = 0V, ISD = -100mA
P-Channel Electrical Characteristics (T
A = 25°C unless otherwise specified)
Notes:
(1) All DC parameters 100% tested at 25°C unless otherwise stated. (Pulsed test: 300µs pulse at 2% duty cycle.)
(2) All AC parameters sample tested.


Podobny numer części - TC1550TG-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Supertex, Inc
TC1550TG-G SUTEX-TC1550TG-G Datasheet
424Kb / 5P
   N- and P-Channel Enhancement-Mode Dual MOSFET
More results

Podobny opis - TC1550TG-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Anpec Electronics Corop...
APM4542K ANPEC-APM4542K Datasheet
153Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4548K ANPEC-APM4548K Datasheet
250Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4542 ANPEC-APM4542 Datasheet
270Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9928 ANPEC-APM9928 Datasheet
292Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4532 ANPEC-APM4532 Datasheet
205Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Sinopower Semiconductor...
SM8403CSQ SINOPWER-SM8403CSQ Datasheet
279Kb / 14P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM3040CSU4 SINOPWER-SM3040CSU4 Datasheet
218Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM7309CSKP SINOPWER-SM7309CSKP Datasheet
326Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM1A40CSQ SINOPWER-SM1A40CSQ Datasheet
275Kb / 14P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Supertex, Inc
TC2320 SUTEX-TC2320_07 Datasheet
485Kb / 4P
   N- and P-Channel Enhancement-Mode Dual MOSFET
logo
Sinopower Semiconductor...
SM1A40CSK SINOPWER-SM1A40CSK Datasheet
219Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com