Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS1009GZR3 Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części CS1009GZR3
Szczegółowy opis  2.5 Volt Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1009GZR3 Arkusz danych(HTML) 4 Page - ON Semiconductor

  CS1009GZR3 Datasheet HTML 1Page - ON Semiconductor CS1009GZR3 Datasheet HTML 2Page - ON Semiconductor CS1009GZR3 Datasheet HTML 3Page - ON Semiconductor CS1009GZR3 Datasheet HTML 4Page - ON Semiconductor CS1009GZR3 Datasheet HTML 5Page - ON Semiconductor CS1009GZR3 Datasheet HTML 6Page - ON Semiconductor CS1009GZR3 Datasheet HTML 7Page - ON Semiconductor CS1009GZR3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CS1009
http://onsemi.com
4
Figure 5. Forward Voltage vs. Forward Current
Figure 6. Dynamic Impedance vs. Frequency
Figure 7. Zener Noise Voltage vs. Frequency
Figure 8. Response Time
Figure 9. Reference Voltage vs. Temperature
10
100
1.0 k
10 k
100 k
250
0.001
10
0
–40
0.01
0.1
1.0
10
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 25°C
100
10
1.0
0.1
100
1.0 k
10 k
100 k
FREQUENCY (Hz)
FORWARD CURRENT (mA)
FREQUENCY (Hz)
TIME (
µs)
200
150
100
50
0
120
4.0
10.0
10.0
0
0.5
1.0
1.5
2.0
2.5
0
OUTPUT
INPUT
5.0 k
–30
0
25
35
70
105
2.490
2.500
2.510
2.520
TJ = 25°C
IR = ImA
0


Podobny numer części - CS1009GZR3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power-One
CS1001-7R POWER-ONE-CS1001-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
CUI INC
CS1005B CUI-CS1005B Datasheet
340Kb / 4P
   CURRENT SENSOR
CS1005B CUI-CS1005B Datasheet
362Kb / 4P
   CURRENT SENSOR
02/19/2020
logo
SAMWHA ELECTRIC
CS1005C0G104B100NBA SAMWHA-CS1005C0G104B100NBA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
CS1005C0G104B100NBB SAMWHA-CS1005C0G104B100NBB Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
More results

Podobny opis - CS1009GZR3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCV1009 ONSEMI-NCV1009_06 Datasheet
66Kb / 6P
   2.5 Volt Reference
February, 2006 ??Rev. 9
NCV1009 ONSEMI-NCV1009 Datasheet
53Kb / 6P
   2.5 Volt Reference
August, 2004 ??Rev. 6
logo
Microsemi Corporation
SG1503 MICROSEMI-SG1503 Datasheet
152Kb / 3P
   PRECISION 2.5-VOLT REFERENCE
logo
Maxim Integrated Produc...
MX580 MAXIM-MX580 Datasheet
99Kb / 4P
   High Precision 2.5 Volt Reference
Rev 1; 8/96
logo
Diodes Incorporated
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZR285-25 ZETEX-ZR285-25 Datasheet
82Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D ZETEX-ZR25D Datasheet
54Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040-2.5 DIODES-ZR4040-2.5 Datasheet
90Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com