Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SC622A Arkusz danych(PDF) 19 Page - Semtech Corporation

Numer części SC622A
Szczegółowy opis  LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and I2C Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC622A Arkusz danych(HTML) 19 Page - Semtech Corporation

Back Button SC622A Datasheet HTML 15Page - Semtech Corporation SC622A Datasheet HTML 16Page - Semtech Corporation SC622A Datasheet HTML 17Page - Semtech Corporation SC622A Datasheet HTML 18Page - Semtech Corporation SC622A Datasheet HTML 19Page - Semtech Corporation SC622A Datasheet HTML 20Page - Semtech Corporation SC622A Datasheet HTML 21Page - Semtech Corporation SC622A Datasheet HTML 22Page - Semtech Corporation SC622A Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
SC622A
19
Register and Bit Definitions (continued)
FL/SPLB
This bit is used to select either the flash or spotlight
current ranges. If this bit is set, the FL current sink can
be used to drive a flash of maximum duration 500ms and
the current range will be the high (flash) current range. If
this bit is cleared, the FL current sink can be used to drive
a continuous spotlight at a lower current and the current
range will be the lower (spotlight) current range, as shown
in Table 1.
LDO Control Register (0x03)
This register is used to enable the LDOs and to set their
output voltages.
LDO2[2:0]
These bits are used to set the output voltage of LDO2, as
shown in Table 2.
LDO2_2
LDO2_1
LDO2_0
LDO2
Output Voltage
0
0
0
OFF
0
0
1
1.8V
0
1
0
1.7V
0
1
1
1.6V
1
0
0
1.5V
101 through 111 are not used
OFF
Table 2 — LDO2 Control Bits
LDO1[3:0]
These bits set the output voltage of LDO1, as shown in
Table 3.
LDO1_3
LDO1_2
LDO1_1
LDO1_0
LDO1
Output
Voltage
0000
OFF
0001
3.3V
0010
3.2V
0011
3.1V
0100
3.0V
0101
2.9V
0110
2.8V
0111
2.7V
1000
2.6V
1001
2.5V
1010 through 1111 are not used
OFF
Table 3 — LDO1 Control Bits


Podobny numer części - SC622A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
SC622A SEMTECH-SC622A Datasheet
308Kb / 23P
   LED Light Management Unit Charge Pump, 400mA Flash LED,Dual LDOs,and I2C Interface
SC622AEVB SEMTECH-SC622AEVB Datasheet
308Kb / 23P
   LED Light Management Unit Charge Pump, 400mA Flash LED,Dual LDOs,and I2C Interface
SC622AULTRT SEMTECH-SC622AULTRT Datasheet
308Kb / 23P
   LED Light Management Unit Charge Pump, 400mA Flash LED,Dual LDOs,and I2C Interface
SC622A SEMTECH-SC622A_09 Datasheet
308Kb / 23P
   LED Light Management Unit Charge Pump, 400mA Flash LED,Dual LDOs,and I2C Interface
More results

Podobny opis - SC622A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
SC622A SEMTECH-SC622A_09 Datasheet
308Kb / 23P
   LED Light Management Unit Charge Pump, 400mA Flash LED,Dual LDOs,and I2C Interface
SC621A SEMTECH-SC621A_09 Datasheet
320Kb / 24P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and I2C Interface
SC622 SEMTECH-SC622 Datasheet
300Kb / 21P
   LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
SC622 SEMTECH-SC622_09 Datasheet
301Kb / 21P
   LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWire Interface
SC621 SEMTECH-SC621 Datasheet
307Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
SC621 SEMTECH-SC621_09 Datasheet
314Kb / 23P
   LED Light Management Unit Charge Pump,4 LEDs, 400mA Flash LED Dual LDOs,and SemWire Interface
SC623A SEMTECH-SC623A Datasheet
280Kb / 21P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and I2C Interface
SC627A SEMTECH-SC627A Datasheet
380Kb / 24P
   LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and I2C Interface
SC627A SEMTECH-SC627A_09 Datasheet
321Kb / 24P
   LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED,Dual LDOs, and I2C Interface
SC624A SEMTECH-SC624A Datasheet
295Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com