Zakładka z wyszukiwarką danych komponentów |
|
M27C1024-55C3X Arkusz danych(PDF) 10 Page - STMicroelectronics |
|
M27C1024-55C3X Arkusz danych(HTML) 10 Page - STMicroelectronics |
10 / 15 page ORDERING INFORMATION SCHEME Speed -35 (1) 35ns -45 (1) 45ns -55 (1) 55ns -70 70ns -80 80ns -90 90ns -10 100ns -12 120ns -15 150ns -20 200ns -10 100ns VCC Tolerance blank ± 10% X ± 5% Package F FDIP40W B PDIP40 C PLCC44 N TSOP40 10 x 14mm Temperature Range 1 0 to 70 °C 6 –40 to 85 °C 7 –40 to 105 °C 3 –40 to 125 °C Option X Additional Burn-in TR Tape & Reel Packing Example: M27C1024 -12 X C 1 X Note: 1. High Speed, see AC Characteristics section for further information. For a list of available options (Speed, Package, etc...) or for further informationon any aspect of this device, please contact the STMicroelectronics Sales Office nearest to you. 10/15 M27C1024 |
Podobny numer części - M27C1024-55C3X |
|
Podobny opis - M27C1024-55C3X |