Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M27C1024-70C3X Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części M27C1024-70C3X
Szczegółowy opis  1 Mbit (64Kb x16) UV EPROM and OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1024-70C3X Arkusz danych(HTML) 3 Page - STMicroelectronics

  M27C1024-70C3X Datasheet HTML 1Page - STMicroelectronics M27C1024-70C3X Datasheet HTML 2Page - STMicroelectronics M27C1024-70C3X Datasheet HTML 3Page - STMicroelectronics M27C1024-70C3X Datasheet HTML 4Page - STMicroelectronics M27C1024-70C3X Datasheet HTML 5Page - STMicroelectronics M27C1024-70C3X Datasheet HTML 6Page - STMicroelectronics M27C1024-70C3X Datasheet HTML 7Page - STMicroelectronics M27C1024-70C3X Datasheet HTML 8Page - STMicroelectronics M27C1024-70C3X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
(3)
–40 to 125
°C
TBIAS
Temperature Under Bias
–50 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
VIO
(2)
Input or Output Voltages (except A9)
–2 to 7
V
VCC
Supply Voltage
–2 to 7
V
VA9
(2)
A9 Voltage
–2 to 13.5
V
VPP
Program Supply Voltage
–2 to 14
V
Notes: 1. Except for the rating ”Operating Temperature Range”, stresses above those listed in the Table ”Absolute Maximum Ratings”
may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the Operating sections of this specification is not i mplied. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other
relevant quality documents.
2. Minimum DC voltage on Input or Output is –0.5V with possible undershoot to –2.0V for a period less than 20ns. Maximum DC
voltage on Output is VCC +0.5V with possible overshoot to VCC +2V for a period less than 20ns.
3. Depends on range.
Table 2. Absolute Maximum Ratings (1)
Mode
E
G
P
A9
VPP
Q0 - Q15
Read
VIL
VIL
VIH
XVCC or VSS
Data Output
Output Disable
VIL
VIH
XX
VCC or VSS
Hi-Z
Program
VIL
XVIL Pulse
X
VPP
Data Input
Verify
VIL
VIL
VIH
XVPP
Data Output
Program Inhibit
VIH
XX
X
VPP
Hi-Z
Standby
VIH
XX
X
VCC or VSS
Hi-Z
Electronic Signature
VIL
VIL
VIH
VID
VCC
Codes
Note: X= VIH or VIL,VID = 12V
±0.5V
Table 3. Operating Modes
Identifier
A0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Hex Data
Manufacturer’s Code
VIL
0
0100
000
20h
Device Code
VIH
1
0001
100
8Ch
Note: Outputs Q8-Q15 are set to ’0’.
Table 4. Electronic Signature
3/15
M27C1024


Podobny numer części - M27C1024-70C3X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
218Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
More results

Podobny opis - M27C1024-70C3X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M27W102 STMICROELECTRONICS-M27W102 Datasheet
104Kb / 15P
   1 Mbit 64Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C202 STMICROELECTRONICS-M27C202 Datasheet
174Kb / 15P
   2 Mbit (128Kb x16) UV EPROM and OTP EPROM
M27V102 STMICROELECTRONICS-M27V102 Datasheet
116Kb / 15P
   1 Mbit (64Kb x 16) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
   4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com