Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N2484 Arkusz danych(PDF) 1 Page - Semicoa Semiconductor

Numer części 2N2484
Szczegółowy opis  Silicon NPN Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMICOA [Semicoa Semiconductor]
Strona internetowa  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N2484 Arkusz danych(HTML) 1 Page - Semicoa Semiconductor

  2N2484 Datasheet HTML 1Page - Semicoa Semiconductor 2N2484 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Copyright
 2002
Semicoa Semiconductors, Inc.
Rev. F
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 1 of 2
www.SEMICOA.com
2N2484
Silicon NPN Transistor
Data Sheet
Description
Semicoa Semiconductors offers:
• Screening and processing per MIL-PRF-19500 Appendix E
• JAN level (2N2484J)
• JANTX level (2N2484JX)
• JANTXV level (2N2484JV)
• JANS level (2N2484JS)
• QCI to the applicable level
• 100% die visual inspection per MIL-STD-750 method
2072 for JANTXV and JANS
• Radiation testing (total dose) upon request
Please contact Semicoa for special configurations
www.SEMICOA.com or (714) 979-1900
Applications
• General purpose
• Low power
• NPN silicon transistor
Features
• Hermetically sealed TO-18 metal can
• Also available in chip configuration
• Chip geometry 0307
• Reference document:
MIL-PRF-19500/376
Benefits
• Qualification Levels: JAN, JANTX,
JANTXV and JANS
• Radiation testing available
Absolute Maximum Ratings
TC = 25°C unless otherwise specified
Parameter
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEO
60
Volts
Collector-Base Voltage
VCBO
60
Volts
Emitter-Base Voltage
VEBO
6
Volts
Collector Current, Continuous
IC
50
mA
Power Dissipation, TA = 25°C
Derate linearly above 25
°C
PT
360
2.06
mW
mW/
°C
Thermal Resistance
RθJA
325
°C/W
Operating Junction Temperature
TJ
-65 to +200
°C
Storage Temperature
TSTG
-65 to +200
°C


Podobny numer części - 2N2484

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
2N2484 PHILIPS-2N2484 Datasheet
49Kb / 8P
   NPN general purpose transistor
1997 May 01
logo
Central Semiconductor C...
2N2484 CENTRAL-2N2484 Datasheet
328Kb / 2P
   NPN - Low Noise Amplifier Transistor Chip
logo
STMicroelectronics
2N2484 STMICROELECTRONICS-2N2484 Datasheet
113Kb / 19P
   SEMICONDUCTOR DEVICE, TRANSISTOR, NPN, SILICON, LOW-POWER TYPES 2N2484, 2N2484UA, 2N2484UB, JAN, JANTX, JANTXV, JANS, JANHC, AND JANKC
logo
Continental Device Indi...
2N2484 CDIL-2N2484 Datasheet
227Kb / 3P
   NPN SILICON PLANAR TRANSISTOR
logo
Semicoa Semiconductor
2N2484 SEMICOA-2N2484 Datasheet
31Kb / 1P
   Chip Type 2C2484 Geometry 0307 Polarity NPN
More results

Podobny opis - 2N2484

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com