Zakładka z wyszukiwarką danych komponentów |
|
CD411260 Arkusz danych(PDF) 1 Page - Powerex Power Semiconductors |
|
CD411260 Arkusz danych(HTML) 1 Page - Powerex Power Semiconductors |
1 / 4 page Dimension Inches Millimeters A 3.681 Max. 93.5 Max. B 3.150 80 C 1.181 Max. 30 Max. D 1.024 Max. 26 Max. E 0.827 21 F 0.906 23 G 0.650 16.5 H 0.512 13 J 0.256 6.5 K 0.256 Dia. Dia. 6.5 L M5 Metric M5 Description: Powerex Dual Diode POW-R-BLOK™ Modules are designed for use in applications requiring AC to DC rectification in isolated packaging. The modules are isolated for easy mounting with other components on com- mon heatsinks. POW-R-BLOK™ has been tested and recognized by Underwriters Laboratories (QQQX2 Power Switching Semiconductors). Features: Isolated Mounting Glass Passivated Chips Metal Baseplate Low Thermal Impedance UL Recognized A Applications: Battery Supplies AC and DC Motor Power Supplies Ordering Information: Select the complete eight digit module part number you desire from the table below. Example: CD411260 is a 1200 Volt, 60 Ampere Dual Diode POW-R-BLOK™ Module. Voltage Current Rating Type Volts (x100) Amperes (60) CD41 12 60 16 D-107 Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 Dual Diode POW-R-BLOK™ Modules 60 Amperes/1200-1600 Volts CD411260 CD411660 Outline Drawing CD411260, CD411660 Dual Diode POW-R-BLOK™ Modules 60 Amperes/1200-1600 Volts A F C J E E G D H A B (2 TYP.) K - DIA. (3 TYP.) L - M5 THD 1 2 3 2 1 3 |
Podobny numer części - CD411260 |
|
Podobny opis - CD411260 |