Zakładka z wyszukiwarką danych komponentów |
|
CD4260A Arkusz danych(PDF) 1 Page - Powerex Power Semiconductors |
|
CD4260A Arkusz danych(HTML) 1 Page - Powerex Power Semiconductors |
1 / 4 page Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272 POW-R-BLOK TM Dual SCR/Diode Isolated Module 60 Amperes / Up to 1600 Volts Revision Date: 01/26/2002 CD42__60A CD47__60A CD42, CD47 Outline Dimensions Dimension Inches Millimeters A 3.62 92 B 0.83 21 C 3.15 80 D 1.18 30 F 0.59 15 G 0.79 20 H 0.79 20 J 0.16 4 K 0.23 5.8 L 0.61 15.5 M 1.14 29 N 0.25 6.3 P 0.94 24 Q 1.18 30 R 0.71 18 S 0.11 x .03 2.8 x 0.8 T 0.25 6.3 U M5 M5 Note: Dimensions are for reference only. CD42__60A, CD47__60A Dual SCR/Diode Isolated POW-R-BLOK TM Module 60 Amperes / Up to 1600 Volts Ordering Information : Select the complete nine digit module part number from the table below. Example: CD421660A is a 1600Volt, 40 Ampere Dual SCR/Diode Isolated POW-R-BLOK TM Module Type Voltage Volts (x100) Current Amperes (x 1) CD42 CD47 08 12 16 60 Description: Powerex SCR/Diode Modules are designed for use in applications requiring phase control and isolated packaging. The modules are isolated for easy mounting with other components on a common heatsink. POW-R-BLOK TM has been tested and recognized by the Underwriters Laboratories. Features: T Electrically Isolated Heatsinking T DBC Alumina (Al2O3) Insulator T Copper Baseplate T Low Thermal Impedance for Improved Current Capability T UL Recognized (E78240) Benefits: T No Additional Insulation Components Required T Easy Installation T No Clamping Components Required T Reduce Engineering Time Applications: T Bridge Circuits T AC & DC Motor Drives T Battery Supplies T Power Supplies T Large IGBT Circuit Front Ends T Lighting Control T Heat & Temperature Control T Welders CONNECTION DIAGRAM 1 2 7 3 6 1 4 2 + ~ 5 3 - CD42 CD47 ~ + - OUTLINE DRAWING LABEL G H F L B A R "S" FASTON TAB "U" THREAD K T C Q P N D M J |
Podobny numer części - CD4260A |
|
Podobny opis - CD4260A |