Zakładka z wyszukiwarką danych komponentów |
|
LM237KTER Arkusz danych(PDF) 1 Page - Texas Instruments |
|
LM237KTER Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 17 page www.ti.com FEATURES LM337...KTE, KTP, OR KVU PACKAGE (TOP VIEW) OUTPUT INPUT ADJUSTMENT LM337...KTT (TO-263) PACKAGE (TOP VIEW) OUTPUT INPUT ADJUSTMENT LM237, LM337...KC (TO-220) PACKAGE (TOP VIEW) INPUT OUTPUT ADJUSTMENT INPUT OUTPUT LM337...KCS (TO-220) PACKAGE (TOP VIEW) ADJUSTMENT DESCRIPTION/ORDERING INFORMATION LM237, LM337 3-TERMINAL ADJUSTABLE REGULATORS SLVS047J – NOVEMBER 1981 – REVISED MAY 2007 • Output Voltage Range Adjustable From • Peak Output Current Constant Over –1.2 V to –37 V Temperature Range of Regulator • Output Current Capability of 1.5 A Max • Ripple Rejection Typically 77 dB • Input Regulation Typically 0.01% Per • Direct Replacement for Industry-Standard Input-Voltage Change LM237 and LM337 • Output Regulation Typically 0.3% The LM237 and LM337 are adjustable 3-terminal negative-voltage regulators capable of supplying in excess of –1.5 A over an output voltage range of –1.2 V to –37 V. They are exceptionally easy to use, requiring only two external resistors to set the output voltage and one output capacitor for frequency compensation. The current design has been optimized for excellent regulation and low thermal transients. In addition, the LM237 and LM337 feature internal current limiting, thermal shutdown, and safe-area compensation, making them virtually immune to failure by overloads. The LM237 and LM337 serve a wide variety of applications, including local on-card regulation, programmable output-voltage regulation, and precision current regulation. ORDERING INFORMATION TJ PACKAGE(1) ORDERABLE PART NUMBER TOP-SIDE MARKING –25 °C to 150°C TO-220 – KC Tube of 50 LM237KC LM237 PowerFLEX™ – KTE Reel of 2000 LM337KTER LM337 PowerFLEX – KTP Reel of 3000 LM337KTPR L337 TO-220 – KC Tube of 50 LM337KC LM337 0 °C to 125°C TO-220 – KCS Tube of 50 LM337KCSE3 LM337 TO-252 – KVU Reel of 2500 LM337KVURG3 LM337 TO-263 – KTT Reel of 500 LM337KTTR LM337 (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PowerFLEX is a trademark of Texas Instruments. PRODUCTION DATA information is current as of publication date. Copyright © 1981–2007, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Podobny numer części - LM237KTER |
|
Podobny opis - LM237KTER |