Zakładka z wyszukiwarką danych komponentów |
|
LD1086DT15R Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
LD1086DT15R Arkusz danych(HTML) 5 Page - STMicroelectronics |
5 / 37 page LD1086xx Maximum ratings 5/37 3 Maximum ratings Note: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied Table 2. Absolute maximum ratings Symbol Parameter Value Unit VI DC Input voltage 30 V IO Output current Internally Limited mA PD Power dissipation Internally Limited mW TSTG Storage temperature range -55 to +150 °C TOP Operating junction temperature range -40 to +125 °C Table 3. Thermal data Symbol Parameter TO-220 D2PAK D2PAK/A DPAK Unit RthJC Thermal resistance junction-case 3 3 8 °C/W RthJA Thermal resistance junction-ambient 50 62.5 °C/W |
Podobny numer części - LD1086DT15R |
|
Podobny opis - LD1086DT15R |