Zakładka z wyszukiwarką danych komponentów |
|
SN74AHCT00PWRG4 Arkusz danych(PDF) 4 Page - Texas Instruments |
|
SN74AHCT00PWRG4 Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 23 page SN54AHCT00, SN74AHCT00 QUADRUPLE 2-INPUT POSITIVE-NAND GATES SCLS229K – OCTOBER 1995 – REVISED JULY 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 5) PARAMETER SN74AHCT00 UNIT PARAMETER MIN TYP MAX UNIT VOL(P) Quiet output, maximum dynamic VOL 0.4 0.8 V VOL(V) Quiet output, minimum dynamic VOL –0.4 –0.8 V VOH(V) Quiet output, minimum dynamic VOH 4.5 V VIH(D) High-level dynamic input voltage 2 V VIL(D) Low-level dynamic input voltage 0.8 V NOTE 5: Characteristics are for surface-mount packages only. operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance No load, f = 1 MHz 10.5 pF |
Podobny numer części - SN74AHCT00PWRG4 |
|
Podobny opis - SN74AHCT00PWRG4 |