Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74TVC3010DW Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74TVC3010DW
Szczegółowy opis  10-BIT VOLTAGE CLAMP
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74TVC3010DW Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button SN74TVC3010DW Datasheet HTML 2Page - Texas Instruments SN74TVC3010DW Datasheet HTML 3Page - Texas Instruments SN74TVC3010DW Datasheet HTML 4Page - Texas Instruments SN74TVC3010DW Datasheet HTML 5Page - Texas Instruments SN74TVC3010DW Datasheet HTML 6Page - Texas Instruments SN74TVC3010DW Datasheet HTML 7Page - Texas Instruments SN74TVC3010DW Datasheet HTML 8Page - Texas Instruments SN74TVC3010DW Datasheet HTML 9Page - Texas Instruments SN74TVC3010DW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SN74TVC3010
10-BIT VOLTAGE CLAMP
SCDS088G – APRIL 1999 – REVISED AUGUST 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
TVC voltage-limiting application
For the voltage-limiting configuration, the common GATE input must be connected to one side (A or B) of any
one of the transistors (see Figure 3). This connection determines the VBIAS input of the reference transistor. The
VBIAS input is connected through a pullup resistor (typically, 200 kΩ ) to the VDD supply. A filter capacitor on VBIAS
is recommended. The opposite side of the reference transistor is used as the reference voltage (VREF)
connection. The VREF input must be less than VDDREF – 1 V to bias the reference transistor into conduction.
The reference transistor regulates the gate voltage (VGATE) of all the pass transistors. VGATE is determined by
the characteristic gate-to-source voltage difference (VGS) because VGATE = VREF + VGS. The low-voltage side
of the pass transistors has a high-level voltage limited to a maximum of VGATE – VGS, or VREF.
200 k
VDDREF = 3.3 V
150
150
150
150
Open-Drain
CPU Interface
Motherboard
Interface
3
A2
4
A3
5
A4
12
A11
1
VDPU
TVC3010
GATE†
24
B1 (VBIAS)†
23
2
A1 (VREF)†
† VREF and VBIAS can be applied to any one of the pass transistors. GATE must be connected externally to VBIAS.
B2
22
B3
21
B4
20
B11
13
Figure 3. Typical Application Circuit


Podobny numer części - SN74TVC3010DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74TVC3010DW TI-SN74TVC3010DW Datasheet
142Kb / 11P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010DW TI1-SN74TVC3010DW Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010DWR TI1-SN74TVC3010DWR Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
More results

Podobny opis - SN74TVC3010DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74TVC16222-1 TI1-SN74TVC16222-1 Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010 TI-SN74TVC3010 Datasheet
142Kb / 11P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2010 PHILIPS-GTL2010 Datasheet
52Kb / 6P
   10-bit GTL Processor Voltage Clamp
1999 Apr 05
logo
Texas Instruments
SN74TVC16222A TI-SN74TVC16222A_07 Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_08 Datasheet
421Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222 TI1-SN74TVC16222 Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000 Datasheet
55Kb / 6P
   22-bit GTL processor voltage clamp
2000 Jan 25
logo
Wolfson Microelectronic...
WM2331 WOLFSON-WM2331 Datasheet
232Kb / 25P
   10-bit 30MSPS ADC with PGA and Clamp
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
   Maximum Clamp Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com