Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STPS8H100 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części STPS8H100
Szczegółowy opis  High voltage power Schottky rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS8H100 Arkusz danych(HTML) 5 Page - STMicroelectronics

  STPS8H100 Datasheet HTML 1Page - STMicroelectronics STPS8H100 Datasheet HTML 2Page - STMicroelectronics STPS8H100 Datasheet HTML 3Page - STMicroelectronics STPS8H100 Datasheet HTML 4Page - STMicroelectronics STPS8H100 Datasheet HTML 5Page - STMicroelectronics STPS8H100 Datasheet HTML 6Page - STMicroelectronics STPS8H100 Datasheet HTML 7Page - STMicroelectronics STPS8H100 Datasheet HTML 8Page - STMicroelectronics STPS8H100 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STPS8H100
Package information
5/9
2
Package information
Epoxy meets UL94, V0.
Figure 14.
D2PAK footprint dimensions (in mm)
Table 4.
D2PAK Dimensions
REF.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.70
0.93
0.027
0.037
B2
1.14
1.70
0.045
0.067
C
0.45
0.60
0.017
0.024
C2
1.23
1.36
0.048
0.054
D
8.95
9.35
0.352
0.368
E
10.00
10.40
0.393
0.409
G
4.88
5.28
0.192
0.208
L
15.00
15.85
0.590
0.624
L2
1.27
1.40
0.050
0.055
L3
1.40
1.75
0.055
0.069
M
2.40
3.20
0.094
0.126
R
0.40 typ.
0.016 typ.
V2
A
C2
D
R
2.0 MIN.
FLAT ZONE
A2
V2
C
A1
G
L
L3
L2
B
B2
E
8.90
3.70
1.30
5.08
16.90
10.30


Podobny numer części - STPS8H100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STPS8H100 STMICROELECTRONICS-STPS8H100 Datasheet
90Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS8H100D STMICROELECTRONICS-STPS8H100D Datasheet
90Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS8H100D STMICROELECTRONICS-STPS8H100D Datasheet
139Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS8H100DEE STMICROELECTRONICS-STPS8H100DEE Datasheet
90Kb / 8P
   High voltage power Schottky rectifier
STPS8H100D STMICROELECTRONICS-STPS8H100D_02 Datasheet
139Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Podobny opis - STPS8H100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com