Zakładka z wyszukiwarką danych komponentów |
|
MC12002P Arkusz danych(PDF) 4 Page - LANSDALE Semiconductor Inc. |
|
MC12002P Arkusz danych(HTML) 4 Page - LANSDALE Semiconductor Inc. |
4 / 9 page LANSDALE Semiconductor, Inc. ML12002 www.lansdale.com Page 4 of 9 Issue A All Input and output cables to the scope are equal lengths of 50-ohm coaxial cable. Notes: Test 1 – Adjust potentiometer for carrier null at fc = 100 kHz. Test 2 – Connect pins 5 and 6 to Gnd. Sampling Volt meter Hewlett Packard 3406A or Equiv. Tektronix 454 and 568 Oscilloscopes Hewlett Packard 651A and 3300B 100 kHz to 100 MHz @ 30 mVpp Signal A Input (Pin 2) Output (Pin12) Output (Pin 11) Signal B Input (Pin 8) Output (Pin 12) Output (Pin 11) Figure 4. Carrier Feedthrough Test Circuits 12 11 Outputs Null Adjust VCC 614 5 7 110 VEE Reg. Bypass Local Oscillator Inputs 2 3 8 9 Mixer Inputs 1.0 µf 1.0 µf 1.0 µf 0.1 µf 0.1 µf 50 +5.0 V 0.1 µf 133 133 |
Podobny numer części - MC12002P |
|
Podobny opis - MC12002P |