Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC12019D Arkusz danych(PDF) 3 Page - LANSDALE Semiconductor Inc.

Numer części MC12019D
Szczegółowy opis  Dual Modulus Prescaler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LANSDALE [LANSDALE Semiconductor Inc.]
Strona internetowa  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC12019D Arkusz danych(HTML) 3 Page - LANSDALE Semiconductor Inc.

  MC12019D Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC12019D Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC12019D Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC12019D Datasheet HTML 4Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.lansdale.com
Page 3 of 4
Figure 1 shows a generic block diagram for connecting a prescaler to a PLL device
that supports dual modulus control. Application note AN535 decribes using a two-
modulus prescaler technique.By using
prescaler higher frequencies can be achieve
than by a single CMOS PLL device.
ML12019
Figure 1. Generic block diagram showing prescaler connection to
PLL device
VCO
Loop Filter
Prescaler
PLL
ML145146
ML145158
ML145159
Fout
Fin
MC
MC in
LANSDALE Semiconductor, Inc.
ML12019
Issue B


Podobny numer części - MC12019D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC12019D FREESCALE-MC12019D Datasheet
237Kb / 3P
   Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
MC12019D LANSDALE-MC12019D Datasheet
171Kb / 4P
   Dual Modulus Prescaler
More results

Podobny opis - MC12019D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
ML12015 LANSDALE-ML12015 Datasheet
310Kb / 4P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12009 MOTOROLA-MC12009 Datasheet
214Kb / 15P
   Dual Modulus Prescaler
logo
Freescale Semiconductor...
MC12019 FREESCALE-MC12019 Datasheet
237Kb / 3P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12015 MOTOROLA-MC12015 Datasheet
240Kb / 3P
   Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12019 LANSDALE-ML12019_08 Datasheet
171Kb / 4P
   Dual Modulus Prescaler
ML12015 LANSDALE-ML12015_08 Datasheet
135Kb / 4P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12018 MOTOROLA-MC12018 Datasheet
53Kb / 4P
   520MHz Dual Modulus Prescaler
MC12022A MOTOROLA-MC12022A Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
MC12026A MOTOROLA-MC12026A Datasheet
66Kb / 6P
   1.1GHz Dual Modulus Prescaler
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com