Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML12061 Arkusz danych(PDF) 4 Page - LANSDALE Semiconductor Inc.

Numer części ML12061
Szczegółowy opis  Crystal Oscillator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LANSDALE [LANSDALE Semiconductor Inc.]
Strona internetowa  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12061 Arkusz danych(HTML) 4 Page - LANSDALE Semiconductor Inc.

  ML12061 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12061 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12061 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12061 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12061 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12061 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12061 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12061 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12061 Datasheet HTML 9Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.lansdale.com
Page 4 of 9
Issue A
LANSDALE Semiconductor, Inc.
ML12061
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE/CURRENT VALUES
Volts
mA
@ Test Temperature
VCC
VCCH
IOL
IOH
IIL
0
°C
5.0
5.25
16
–0.4
–2.5
+25
°C
5.0
5.25
16
–0.4
–2.5
+75
°C
5.0
5.25
16
–0.4
–2.5
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
Characteristic
Symbol
Under
Test
VCC
VCCH
IOL
IOH
IIL
Gnd
Power Supply Drain Current
ICC
1
1
8
1
11
16
1
11,16
16
8
8,9
8
Input Current
IinH
14
15
16
16
8
8
IinL
14
15
16
16
8,14
8,15
Differential Offset Voltage
∆V
4 to 7
2 to 3
1
8
Output Voltage Level
Vout
2
3
1
1
8
8
Logic ‘1’ Output Voltage
VOH1
(Note 1)
12
13
16
16
12
13
8
8
VOH2
10
10
8,9
Logic ‘0’ Output Voltage
VOL1
(Note 1)
12
13
16
16
12
13
8
8
VOL2
10
10
11,16
10
10
8,9
8,9
Logic ‘1’ Threshold Voltage
VOHA
12
13
16
16
12
13
8
8
Logic ‘0’ Threshold Voltage
VOLA
12
13
16
16
12
13
8
8
Output Short Circuit Current
IOS
10
8,9,10
NOTE:
1. Devices will meet standard MECL logic levels using VEE = –5.2 Vdc and VCC = 0.


Podobny numer części - ML12061

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
ML12061 LANSDALE-ML12061 Datasheet
366Kb / 9P
   Crystal Oscillator
ML12061EP LANSDALE-ML12061EP Datasheet
366Kb / 9P
   Crystal Oscillator
ML12061 LANSDALE-ML12061_08 Datasheet
366Kb / 9P
   Crystal Oscillator
More results

Podobny opis - ML12061

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vectron International, ...
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
   Crystal Oscillator
logo
Epson ToYoCom
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
   CRYSTAL OSCILLATOR
SG-8002JC EPSONTOYOCOM-SG-8002JC Datasheet
533Kb / 4P
   CRYSTAL OSCILLATOR
SG-8002LB EPSONTOYOCOM-SG-8002LB Datasheet
491Kb / 4P
   CRYSTAL OSCILLATOR
TCO-7085X1A EPSONTOYOCOM-TCO-7085X1A Datasheet
359Kb / 2P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
   Crystal Oscillator
logo
Epson Company
SG-8002CE EPSON-SG-8002CE Datasheet
576Kb / 6P
   CRYSTAL OSCILLATOR
logo
Motorola, Inc
MC12061 MOTOROLA-MC12061 Datasheet
96Kb / 9P
   Crystal Oscillator
logo
Epson Company
SG-8003CG-PCB EPSON-SG-8003CG-PCB Datasheet
1Mb / 3P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
   Crystal Oscillator
logo
NIHON DEMPA KOGYO
NH37M28LN NDK-NH37M28LN Datasheet
695Kb / 1P
   Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com