Zakładka z wyszukiwarką danych komponentów |
|
ML13155-5P Arkusz danych(PDF) 5 Page - LANSDALE Semiconductor Inc. |
|
ML13155-5P Arkusz danych(HTML) 5 Page - LANSDALE Semiconductor Inc. |
5 / 16 page www.lansdale.com Page 5 of 16 Issue A ML13155 LANSDALE Semiconductor, Inc. ± 1.0 MHz VEE = – 6.0 Vdc TA, AMBIENT TEMPERATURE (C) TA, AMBIENT TEMPERATURE (C) Figure 9. Differential Detector Output Voltage versus Ambient Temperature and Supply Voltage Figure 10. Differential Limiter Output Voltage versus Ambient Temperature (Vin = 1 and 10 mVrms) –50 – 30 –10 10 30 50 70 90 110 –50 – 30 –10 10 30 50 70 90 Vin = 10 mVrms IF INPUT (dBm) Q OF QUADRATURE LC TANK IF INPUT, (dBm) Figure 11. Figure 12. RSSI Output Voltage versus IF Input Figure 11A. Differential Detector Output Voltage versus Q of Quadrature LC Tank 1.5 Q OF QUADRATURE LC TANK Figure 11B. Differential Detector Output Voltage versus Q of Quadrature LC Tank 2.5 3.5 4.5 5.5 –80 –60 – 40 –20 0 20 2.0 3.0 4.0 5.0 6.0 1.5 2.5 3.5 4.5 5.5 2.0 3.0 4.0 5.0 6.0 Vin = – 30 dBm VEE = – 5.0 Vdc fc = 70 MHz fmod = 1.0 MHz (Figure 16 no external capacitors between Pins 7, 8 and 9, 10) –90 – 70 – 50 – 30 – 10 10 S+N Vin = 1.0 mVrms – 5.0 Vdc – 3.0 Vdc f = 70 MHz VEE = – 5.0 Vdc f dev = ± 6.0 MHz ± 5.0 MHz ± 4.0 MHz ± 3.0 MHz ± 2.0 MHz ± 1.0 MHz ± 2.0 MHz ± 3.0 MHz ±4.0 MHz ± 5.0 MHz f dev = ± 6.0 MHz 15 dB Interstage Attenuator N Vin = – 30 dBm VEE = – 5.0 Vdc fc = 70 MHz fmod = 1.0 MHz (Figure 16 no external capacitors between Pins 7, 8 and 9, 10) fc = 70 MHz fmod = 1.0 MHz fdev = ± 5.0 MHz VEE = – 5.0 Vdc Figure 13. S+N, N versus IF Input 750 220 200 180 160 140 120 700 650 600 550 500 450 400 350 0 1600 1200 800 400 200 0 2400 1600 1200 800 400 0 – 1.0 – 2.0 – 3.0 – 4.0 – 5.0 1400 1000 600 2000 10 –10 –30 –50 –60 –70 0 –20 –40 VEE = – 5.0 Vdc fc = 70 MHz (See Figure 16) Capacitively coupled interstage: no attenuation |
Podobny numer części - ML13155-5P |
|
Podobny opis - ML13155-5P |