Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML13175-5P Arkusz danych(PDF) 6 Page - LANSDALE Semiconductor Inc.

Numer części ML13175-5P
Szczegółowy opis  UHF FM/AM Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LANSDALE [LANSDALE Semiconductor Inc.]
Strona internetowa  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13175-5P Arkusz danych(HTML) 6 Page - LANSDALE Semiconductor Inc.

Back Button ML13175-5P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13175-5P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13175-5P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13175-5P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13175-5P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13175-5P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13175-5P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13175-5P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML13175-5P Datasheet HTML 10Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Figure 9. Change in Oscillator Frequency
versus Oscillator Control Current
Figure 10. Change in Oscillator Frequency
versus Oscillator Control Current
–100
ICont, OSCILLATOR CONTROL CURRENT (µA)
0
100
300
600
200
400
500
–100
0
100
300
600
200
400
500
ICont, OSCILLATOR CONTROL CURRENT (µA)
VCC = 3.0 Vdc
Imod = 2.0 mA
TA = 25 °C
fosc (ICont @ 0) 320 MHz
VCC = 3.0 Vdc
Imod = 2.0 mA
TA = 25 °C
fosc (ICont @ 0) 450 MHz
20
10
0
–10
–20
–30
–40
20
10
0
–10
–20
–30
–40
ML13175/ML13176
LANSDALE Semiconductor, Inc.
EVALUATION PC BOARD
The evaluation PCB, shown in Figures 26 and 27, is very versatile
and is intended to be used across the entire useful frequency range
of this device. The center section of the board provides an area for
attaching all SMT components to the component ground side of the
PCB (see Figures 28 and 29). Additionally, the peripheral area sur-
rounding the RF core provides pads to add supporting and interface
circuitry as a particular application requires. This evaluation board
will be discussed and referenced in this section.
CURRENT CONTROLLED OSCILLATOR (Pins 1 to 4)
It is critical to keep the interconnect leads from the CCO (Pins 1
and 4) to the external inductor symmetrical and equal in length.
With a minimum inductor, the maximum free running frequency
is greater than 1.0 GHz. Since this inductor will be small, it may
be either a microstrip inductor, an air wound inductor or a tune-
able RF coil. An air wound inductor may be tuned by spreading
the windings, whereas tunable RF coils are tuned by adjusting
the position of an aluminum core in a threaded coilform. As the
aluminum core coupling to the windings is increased, the induc-
tance is decreased. The temperature coefficient using an alu-
minum core is better than a ferrite core. The UniCoil™ induc-
tors made by Coilcraft may be obtained with aluminum cores
(Part No. 51–129–169).
GROUND (Pins 5, 10 and 15)
GROUND RETURNS: It is best to take the grounds to a back-
side ground plane via plated through holes or eyelets at the pins.
The application PCB layout implements this technique. Note
that the grounds are located at or less than 100 mils from the
device pins.
DECOUPLING: Decoupling each ground pin to VCC isolates
each section of the device by reducing interaction between sec-
tions and by localizing circulating currents.
LOOP CHARACTERISTICS (Pins 6 and 7)
Figure 11 is the component block diagram of the ML1317x PLL
system where the loop characteristics are described by the gain
constants. Access to individual components of this PLL system
is limited, inasmuch as the loop is only pinned out at the phase
detector output and the frequency control input for the CCO.
However, this allows for characterization of the gain constants
of these loop components. The gain constants Kp, Ko and Kn
are well defined in the ML13175 and ML13176.
PHASE DETECTOR (Pin 7)
With the loop in lock, the difference frequency output of the
phase detector is DC voltage that is a function of the phase dif-
ference. The sinusoidal type detector used in the IC has the fol-
lowing transfer characteristic:
le = A Sin θe
The gain factor of the phase detector, Kp (with the loop in lock)
is specified as the ratio of DC output current, le to phase error,
θe:
Kp = le/θe (Amps/radians)
Kp = A Sin θe/θe
Sin
θe ~ θe for θe ≤ 0.2 radians;
thus Kp
Figures 7 and 8 show that the detector DC current is approxi-
mately 30
µA where the loop loses lock at θe = ±π/2 radians;
therefore Kp is 30 µA/radians.
CURRENT CONTROLLED OSCILLATOR, CCO (Pin 6)
Figures 9 and 10 show the non–linear change in frequency of
the oscillator over an extended range of control current for 320
and 450 MHz applications. Ko ranges from approximately
6.3x105 rad/sec/
µA or 100 kHz/µA (Figure 9) to 8.8x105
rad/sec/
µA or 140 kHz/µA (Figure 10) over a relatively linear
response of control current (0 to 100
µA). The oscillator gain
factor depends on the operating range of the control current
(i.e., the slope is not constant). Included in the CCO gain factor
is the internal amplifier which can sink and source at least
30
µA of input current from the phase detector. The internal cir-
cuitry at Pin 6 limits the CCO control current to 50
µA of
source capability while its sink capability exceeds 200
µA as
shown in Figures 9 and 10. Further information to follow shows
how to use the full capabilities of the CCO by addition of an
external loop amplifier and filter (see Figure 15). This addition-
al circuitry yields at Ko = 0.145 MHz/µA or 9.1x10
5
rad/sec/
µA.
Legacy Applications Information
APPLICATIONS INFORMATION
www.lansdale.com
Page 6 of 16
Issue c
= A (Amps/radians)


Podobny numer części - ML13175-5P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
ML13175-5P LANSDALE-ML13175-5P Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
More results

Podobny opis - ML13175-5P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TEMIC Semiconductors
U2740B TEMIC-U2740B Datasheet
264Kb / 10P
   UHF AM/FM Transmitter
logo
Motorola, Inc
MC13176 MOTOROLA-MC13176 Datasheet
748Kb / 18P
   UHF FM/AM Transmitter
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
logo
Motorola, Inc
MC13175 MOTOROLA-MC13175 Datasheet
269Kb / 17P
   UHF FM/AM TRANSMITTER
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F_14 Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
List of Unclassifed Man...
CMX017 ETC-CMX017 Datasheet
372Kb / 12P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
Radiometrix Ltd
TX2H-433-64-5V RADIOMETRIX-TX2H-433-64-5V Datasheet
226Kb / 5P
   UHF High Power FM Transmitter
TX2H-4XX-64 RADIOMETRIX-TX2H-4XX-64 Datasheet
228Kb / 5P
   UHF High Power FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com