Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM320C6203W14 Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części SM320C6203W14
Szczegółowy opis  FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SM320C6203W14 Arkusz danych(HTML) 2 Page - Texas Instruments

  SM320C6203W14 Datasheet HTML 1Page - Texas Instruments SM320C6203W14 Datasheet HTML 2Page - Texas Instruments SM320C6203W14 Datasheet HTML 3Page - Texas Instruments SM320C6203W14 Datasheet HTML 4Page - Texas Instruments SM320C6203W14 Datasheet HTML 5Page - Texas Instruments SM320C6203W14 Datasheet HTML 6Page - Texas Instruments SM320C6203W14 Datasheet HTML 7Page - Texas Instruments SM320C6203W14 Datasheet HTML 8Page - Texas Instruments SM320C6203W14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
SMJ320C6701
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SGUS030B – APRIL 2000 – REVISED MAY 2001
2
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
GLP PACKAGE
(BOTTOM VIEW)
20
21
19
18
16
15
17
13
11
10
12
14
W
Y
AA
V
T
U
P
M
N
R
8
7
6
4
5
L
J
K
G
E
F
H
3
2
D
B
C
A
1
9
description
The SMJ320C67x DSPs are the floating-point DSP family in the SMJ320C6000 platform. The SMJ320C6701
(’C6701) device is based on the high-performance, advanced VelociTI very-long-instruction-word (VLIW)
architecture developed by Texas Instruments (TI
), making this DSP an excellent choice for multichannel and
multifunction applications. With performance of up to 1 giga floating-point operations per second (GFLOPS) at
a clock rate of 167 MHz, the ’C6701 offers cost-effective solutions to high-performance DSP programming
challenges. The ’C6701 DSP possesses the operational flexibility of high-speed controllers and the numerical
capability of array processors. This processor has 32 general-purpose registers of 32-bit word length and eight
highly independent functional units. The eight functional units provide four floating-/fixed-point ALUs, two
fixed-point ALUs, and two floating-/fixed-point multipliers. The ’C6701 can produce two multiply-accumulates
(MACs) per cycle for a total of 334 million MACs per second (MMACS). The ’C6701 DSP also has
application-specific hardware logic, on-chip memory, and additional on-chip peripherals.
The ’C6701 includes a large bank of on-chip memory and has a powerful and diverse set of peripherals.
Program memory consists of a 64K-byte block that is user-configurable as cache or memory-mapped program
space. Data memory consists of two 32K-byte blocks of RAM. The peripheral set includes two multichannel
buffered serial ports (McBSPs), two general-purpose timers, a host-port interface (HPI), and a glueless external
memory interface (EMIF) capable of interfacing to SDRAM or SBSRAM and asynchronous peripherals.
The ’C6701 has a complete set of development tools which includes: a new C compiler, an assembly optimizer
to simplify programming and scheduling, and a Windows
 debugger interface for visibility into source code
execution.
TI is a trademark of Texas Instruments Incorporated.
Windows is a registered trademark of the Microsoft Corporation.
TI is a trademark of Texas Instruments Incorporated.
Windows is a registered trademark of the Microsoft Corporation.


Podobny numer części - SM320C6203W14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SM320C6203GLPM20 TI-SM320C6203GLPM20 Datasheet
1Mb / 10P
[Old version datasheet]   FIXED POINT SIGNAL PROCESSOR
SM320C6203GLPM20 TI-SM320C6203GLPM20 Datasheet
1Mb / 82P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PORCESSOR
More results

Podobny opis - SM320C6203W14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6701 TI-TMS320C6701_08 Datasheet
967Kb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMSC6701 TI-TMSC6701 Datasheet
862Kb / 64P
[Old version datasheet]   FLOATING POINT DIGITAL SIGNAL PROCESSOR
SM320C6727B TI1-SM320C6727B Datasheet
710Kb / 111P
[Old version datasheet]   Floating-Point Digital Signal Processor
SMJ320C6701 TI-SMJ320C6701_15 Datasheet
1,002Kb / 66P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com