Zakładka z wyszukiwarką danych komponentów |
|
MC145583DW Arkusz danych(PDF) 4 Page - LANSDALE Semiconductor Inc. |
|
MC145583DW Arkusz danych(HTML) 4 Page - LANSDALE Semiconductor Inc. |
4 / 7 page ML145583 LANSDALE Semiconductor, Inc. www.lansdale.com Page 4 of 7 Issue A DRIVER ELECTRICAL SPECIFICATIONS (Voltage polarities referenced to GND = 0 V; VCC = + 3.3 V or + 5.0 V 10%; C1 – C5 = 1 µF; TA = 25°C) Parameter Symbol Min Typ Max Unit Digital Input Voltage DI1 – DI3 Logic Low Logic High VIL VIH — 1.8 — — 0.7 — V Digital Input Current DI1 – DI3 VDI = GND VDI = VCC IIL IIH — — 7 — — ± 1.0 µA Output High Voltage Load on All Tx1 – Tx3, RL = 3 kΩ; CP = 2500 pF, VDI1 – DI3 = Logic Low No Load VOH 5.0 8.5 7.0 8.8 — — V Output Low Voltage Load on All Tx1 – Tx3, RL = 3 kΩ; CP = 2500 pF, VDI1 – DI3 = Logic High No Load VOL — — – 7.0 – 8.8 – 5.0 – 8.5 V Ripple (Refer to VDD – VSS Value) *** VRF — — ± 5% Off Source Impedance Tx1 – Tx3 Zoff 300 — — Ω Output Short Circuit Current (VCC = 3.3 V or 5.5 V) Tx1 – Tx3 Shorted to GND* Tx1 – Tx3 Shorted to ± 15 V** ISC — — — — ± 60 ± 100 mA * Specification is for one Tx output to be shorted at a time. Should all three driver outputs be shorted simultaneously, device power dissipation limits could be exceeded. ** This condition could exceed package limitations. *** Ripple VRF would not exceed ± 5% of (VDD – VSS). SWITCHING CHARACTERISTICS (VCC = + 3.3 V or + 5 V, 10%; C1 – C5 = 1 µF; TA = 25°C) Parameter Symbol Min Typ Max Unit Drivers Propagation Delay Time Tx1 – Tx3 Low–to–High (RL = 3 kΩ, CL = 50 pF or 2500 pF) tDPLH — 0.5 1 µs High–to–Low (RL = 3 kΩ, CL = 50 pF or 2500 pF) tDPHL — 0.5 1 Output Slew Rate (Source R = 300 Ω) Tx1 – Tx3 Loading: RL = 3 – 7 kΩ; CL = 2500 pF SR ± 4 — ± 30 V/ µs Output Disable Time* tDAZ — 4 10 µs Output Enable Time* tDZA — 25 50 ms Receivers Propagation Delay Time DO1 – DO5 Low–to–High tRPLH — — 1 µs High–to–Low tRPHL — — 1 Output Rise Time DO1 – DO5 tr — 120 200 ns Output Fall Time DO1 – DO5 tf — 40 100 ns Output Disable Time* tRAZ — 4 10 µs Output Enable Time* tRZA — 25 50 ms * Including the charge pump setup time. TRUTH TABLES Drivers DI STB Tx X H Z* H L L L L H *VSS VTx ≤ VDD X = Don’t Care Receivers Rx STB DO X H Z* H L L L L H *GND VDO ≤ VCC X = Don’t Care |
Podobny numer części - MC145583DW |
|
Podobny opis - MC145583DW |