Zakładka z wyszukiwarką danych komponentów |
|
STP12NM60N Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
STP12NM60N Arkusz danych(HTML) 1 Page - STMicroelectronics |
1 / 18 page April 2007 Rev 2 1/18 18 STB12NM60N/-1 - STF12NM60N STP12NM60N - STW12NM60N N-channel 600V - 0.35 Ω - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh™ Power MOSFET Features ■ 100% avalanche tested ■ Low input capacitance and gate charge ■ Low gate input resistance Description This series of devices implements second generation MDmesh™ technology. This revolutionary Power MOSFET associates a new vertical structure to the Company’s strip layout to yield one of the world’s lowest on-resistance and gate charge. It is therefore suitable for the most demanding high efficiency converters. Application ■ Switching application Internal schematic diagram Type VDSS (@Tjmax) RDS(on) ID STB12NM60N 650V < 0.41 Ω 10A STB12NM60N-1 650V < 0.41 Ω 10A STF12NM60N 650V < 0.41 Ω 10A(1) 1. Limited only by maximum temperature allowed STP12NM60N 650V < 0.41 Ω 10A STW12NM60N 650V < 0.41 Ω 10A TO-220 TO-220FP I²PAK 1 2 3 1 2 3 1 2 3 TO-247 D²PAK 1 3 www.st.com Order codes Part number Marking Package Packaging STB12NM60N B12NM60N D²PAK Tape & reel STB12NM60N-1 B12NM60N I²PAK Tube STF12NM60N F12NM60N TO-220FP Tube STP12NM60N P12NM60N TO-220 Tube STW12NM60N W12NM60N TO-247 Tube |
Podobny numer części - STP12NM60N |
|
Podobny opis - STP12NM60N |