Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC225-40 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części TC225-40
Szczegółowy opis  SMALL-FORMAT CCD IMAGE SENSORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TC225-40 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TC225-40 Datasheet HTML 4Page - Texas Instruments TC225-40 Datasheet HTML 5Page - Texas Instruments TC225-40 Datasheet HTML 6Page - Texas Instruments TC225-40 Datasheet HTML 7Page - Texas Instruments TC225-40 Datasheet HTML 8Page - Texas Instruments TC225-40 Datasheet HTML 9Page - Texas Instruments TC225-40 Datasheet HTML 10Page - Texas Instruments TC225-40 Datasheet HTML 11Page - Texas Instruments TC225-40 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TC221, TC225, TC227
SMALL-FORMAT CCD IMAGE SENSORS
SOCS037C – DECEMBER 1991 – REVISED AUGUST 1997
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
spurious-nonuniformity specification
The spurious-nonuniformity specification of the TC221, TC225 and TC227 grades – 30 and – 40 is based on
several sensor characteristics:
Amplitude of the nonuniform pixel
Polarity of the nonuniform pixel
— Black
— White
Location of the nonuniformity (see Figure 5)
Nonuniform pixel count
The CCD sensors are characterized in both an illuminated condition and a dark condition. In the dark condition,
the nonuniformity is specified in terms of absolute amplitude as shown in Figure 6. In the illuminated condition,
the nonuniformity is specified as a percentage of the total illumination as shown in Figure 7.
TC221 nonuniformity table
DARK CONDITION
ILLUMINATED CONDITION
PART NUMBER
PIXEL
PIXEL COUNT
% OF TOTAL
PIXEL COUNT
AMPLITUDE
AREA A
AREA B
ILLUMINATION
AREA A
AREA B
TC221-30
812 mV
4
6
30 40
4
6
TC221-40
8 –12 mV
8
12
30 – 40
8
12
TC221-30
12 16 mV
2
4
40 50
2
4
TC221-40
12 –16 mV
4
8
40 – 50
4
8
TC221-30
>16mV
0
0
>50
0
0
TC221-40
> 16 mV
0
0
> 50
0
0
TC225 nonuniformity table
DARK CONDITION
ILLUMINATED CONDITION
PART NUMBER
PIXEL
PIXEL COUNT
% OF TOTAL
PIXEL COUNT
AMPLITUDE
AREA A
AREA B
ILLUMINATION
AREA A
AREA B
TC225-30
812 mV
6
9
30 40
6
9
TC225-40
8 –12 mV
12
15
30 – 40
12
15
TC225-30
12 16mV
3
6
40 50
3
6
TC225-40
12 –16mV
6
10
40 – 50
6
10
TC225-30
>16mV
0
0
>50
0
0
TC225-40
> 16 mV
0
0
> 50
0
0
TC227 nonuniformity table
DARK CONDITION
ILLUMINATED CONDITION
PART NUMBER
PIXEL
PIXEL COUNT
% OF TOTAL
PIXEL COUNT
AMPLITUDE
AREA A
AREA B
ILLUMINATION
AREA A
AREA B
TC227-30
812 mV
4
6
30 40
4
6
TC227-40
8 –12 mV
8
12
30 – 40
12
12
TC227-30
12 16 mV
2
4
40 50
2
4
TC227-40
12 –16 mV
4
8
40 – 50
4
8
TC227-30
>16mV
0
0
>50
0
0
TC227-40
> 16 mV
0
0
> 50
0
0


Podobny numer części - TC225-40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SHENZHEN FUMAN ELECTRON...
TC22 FUMAN-TC22 Datasheet
312Kb / 6P
   Low power switching power supply controller
logo
TiMOTION Technology Co....
TC22 TIMOTION-TC22 Datasheet
218Kb / 3P
   Max. output 32V DC, 12A
20220420-E
logo
Allied Components Inter...
TC220 ALLIED-TC220 Datasheet
1Mb / 1P
   Toroid Chokes
TC220-100L-RC ALLIED-TC220-100L-RC Datasheet
1Mb / 1P
   Toroid Chokes
TC220-101L-RC ALLIED-TC220-101L-RC Datasheet
1Mb / 1P
   Toroid Chokes
More results

Podobny opis - TC225-40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hamamatsu Corporation
S11850-1106 HAMAMATSU-S11850-1106_15 Datasheet
408Kb / 10P
   CCD image sensors
S11071-1004 HAMAMATSU-S11071-1004_15 Datasheet
258Kb / 10P
   CCD image sensors
S7033-0907 HAMAMATSU-S7033-0907_15 Datasheet
376Kb / 12P
   CCD area image sensors
S10814 HAMAMATSU-S10814_15 Datasheet
462Kb / 10P
   CCD area image sensors
S8980_S10810 HAMAMATSU-S8980_S10810_15 Datasheet
506Kb / 10P
   CCD area image sensors
S11155-2048-01 HAMAMATSU-S11155-2048-01_15 Datasheet
424Kb / 8P
   CCD linear image sensors
S10200-02-01 HAMAMATSU-S10200-02-01_15 Datasheet
855Kb / 14P
   TDI-CCD image sensors
S7170-0909 HAMAMATSU-S7170-0909_15 Datasheet
343Kb / 12P
   CCD area image sensors
S11510 HAMAMATSU-S11510_15 Datasheet
665Kb / 7P
   IR-enhanced CCD image sensors
logo
Sanyo Semicon Device
LC89902V SANYO-LC89902V Datasheet
57Kb / 5P
   CMOS Driver for VGA-Format Image Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com