Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5852-003-D-3-L Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części SM5852-003-D-3-L
Szczegółowy opis  Amplified Pressure Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SM5852-003-D-3-L Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  SM5852-003-D-3-L Datasheet HTML 1Page - List of Unclassifed Manufacturers SM5852-003-D-3-L Datasheet HTML 2Page - List of Unclassifed Manufacturers SM5852-003-D-3-L Datasheet HTML 3Page - List of Unclassifed Manufacturers SM5852-003-D-3-L Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SM5812/SM5852
 2005 SMI
Silicon Microstructures, Inc.
♦ 1701 McCarthy Blvd. ♦ Milpitas, CA 95035 ♦ USA
Tel: 408-577-0100
♦ Fax: 408-577-0123 ♦ Sales@si-micro.com ♦ www.si-micro.com
Rev 1.4 6_05
THEORY OF OPERATION
The operation of the signal processor is
depicted in the block diagram below. The
external pressure sensor is a piezoresistive
bridge. This transduces the applied pressure
into an electronic signal, which is then inputted
into the integrating amplifier of the ASIC.
During the amplification step an offset
correction factor is added in order to allow
maximum gain for a given pressure while
minimizing the offset error.
The signal is then passed to an 11-bit analog
to digital converter (ADC). The ADC samples
the signal multiple times and uses the sum of
those samples as a 13-bit word.
A digital signal processor (DSP) is then used
to correct and calibrate the pressure signal.
The DSP provides multi-order correction of
both pressure and temperature non-linearity
through the use of factory-programmed
coefficients. A combined total of twenty
coefficients are available for correcting
pressure and temperature non-linearity. The
unique coefficients are determined during a
calibration process performed at the factory.
Factory calibration is the last step performed
which means the effect of the package on
the pressure signal will also be taken into
account. This provides a great advantage
over conventional laser-trimming
approaches.
The DSP outputs a corrected digital word,
which travels to a 12-bit digital to analog
converter (DAC) to provide a calibrated
analog output. In addition to the analog
output, the corrected pressure signal is
accessible through an I
2C digital interface.
See SMI application note AN05-001 for a
detailed description of how to read out the
digital corrected pressure signal using the
I2C bus interface.
Switched
Capacitor
Integrateing
Amplifier
Analog
Timing
Control
2 MHz
Oscillator
Power-On
Reset
V
Temp
11-bit ADC
MUX
EEPROM
Array
Band-gap
Output
Buffer
Analog
Output
SDA
SCL
Ground
+ 5 VDC
SMI Multi-Order Pressure and
Temperature Correction ASIC
Analog Component
Digital Component
External
Piezoresistive
Bridge
+ 5 VDC
Ground
DSP
(multi-order
correction of
pressure and
temperature
non-
linearities)
12-bit
Sigma-
Delta DAC
Digital Timing
and Control
Management
I2C Digital
Interface


Podobny numer części - SM5852-003-D-3-L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SM5852-001 ETC2-SM5852-001 Datasheet
371Kb / 6P
   SINGNAL-CONDITIONED ULTRA-LOW PRESSURE SENSOR
More results

Podobny opis - SM5852-003-D-3-L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
All Sensors Corporation
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
HMAM100U SENSORTECHNICS-HMAM100U Datasheet
381Kb / 15P
   Amplified pressure sensors
HDI0611ABE8H3 SENSORTECHNICS-HDI0611ABE8H3 Datasheet
124Kb / 11P
   Amplified pressure sensors
logo
All Sensors Corporation
442-1022-ND ASC-442-1022-ND Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-00283 ASC-DS-00283 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
logo
Sensortechnics GmbH
HCE0611ABE8P3 SENSORTECHNICS-HCE0611ABE8P3 Datasheet
148Kb / 11P
   Miniature amplified pressure sensors
logo
All Sensors Corporation
1INCH-D-4V ASC-1INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-0028 ASC-DS-0028 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com