Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC547B Arkusz danych(PDF) 4 Page - Pan Jit International Inc.

Numer części BC547B
Szczegółowy opis  NPN GENERAL PURPOSE TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC547B Arkusz danych(HTML) 4 Page - Pan Jit International Inc.

  BC547B Datasheet HTML 1Page - Pan Jit International Inc. BC547B Datasheet HTML 2Page - Pan Jit International Inc. BC547B Datasheet HTML 3Page - Pan Jit International Inc. BC547B Datasheet HTML 4Page - Pan Jit International Inc. BC547B Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PAGE . 4
STAD-DEC.02.2005
BC546,BC547,BC548 SERIES
ELECTRICAL CHARACTERISTICS CURVE BC546B,BC547B,BC548B ONLY
0
1
10
100
25
50
75
100
125
150
Junction Temperature, T
J (
OC)
V
CB=30V
0
50
100
150
200
250
300
350
400
450
500
0.01
0.1
1
10
100
1000
Collector Current, IC (mA)
T
J=25 ˚C
T
J=100˚ C
T
J=150˚ C
V
CE=5V
0
200
400
600
800
1000
1200
0.01
0.1
1
10
100
1000
Collector Current, I
C (mA)
T
J = 25 ˚C
T
J = 150 ˚C
T
J = 100 ˚C
V
CE=5V
10
100
1000
0.01
0.1
1
10
100
1000
Collector Current, I
C (m A)
T
J = 25 ˚C
T
J = 150 ˚C
T
J = 100 ˚C
I
C/IB=20
0
200
400
600
800
1000
1200
0.01
0.1
1
10
100
Collector Current, I
C (m A)
T
J = 25 ˚C
T
J = 150 ˚C
T
J = 100 ˚C
I
C/IB=20
1
10
0.1
1
10
100
Reverse Voltage (V)
TJ = 25 ˚C
Cib (EB)
Cob (CB)
Fig. 3.
Typical VBE(ON) vs. Collector Current
Fig. 1.
Typical ICB0 vs. Junction Temperature
Fig. 2.
Typical hFE vs. Collector Current
Fig. 4.
Typical VCE(SAT) vs. Collector Current
Fig. 5.
Typical VBE(SAT) vs. Collector Current
Fig. 6.
Typical Capacitances vs. Reverse Voltage


Podobny numer części - BC547B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BC547B MOTOROLA-BC547B Datasheet
193Kb / 6P
   Amplifier Transistors
logo
STMicroelectronics
BC547B STMICROELECTRONICS-BC547B Datasheet
53Kb / 4P
   SMALL SIGNAL NPN TRANSISTORS
logo
Continental Device Indi...
BC547B CDIL-BC547B Datasheet
124Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
ON Semiconductor
BC547B ONSEMI-BC547B Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
SeCoS Halbleitertechnol...
BC547B SECOS-BC547B Datasheet
183Kb / 3P
   Elektronische Bauelemente
More results

Podobny opis - BC547B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com