Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD7N20 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FDD7N20
Szczegółowy opis  N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD7N20 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FDD7N20 Datasheet HTML 1Page - Fairchild Semiconductor FDD7N20 Datasheet HTML 2Page - Fairchild Semiconductor FDD7N20 Datasheet HTML 3Page - Fairchild Semiconductor FDD7N20 Datasheet HTML 4Page - Fairchild Semiconductor FDD7N20 Datasheet HTML 5Page - Fairchild Semiconductor FDD7N20 Datasheet HTML 6Page - Fairchild Semiconductor FDD7N20 Datasheet HTML 7Page - Fairchild Semiconductor FDD7N20 Datasheet HTML 8Page - Fairchild Semiconductor FDD7N20 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
tm
April 2007
©2007 Fairchild Semiconductor Corporation
FDD7N20 / FDU7N20 Rev. A
www.fairchildsemi.com
1
UniFET
TM
FDD7N20 / FDU7N20
N-Channel MOSFET
200V, 5A, 0.69
Ω
Features
•RDS(on) = 0.58Ω ( Typ. ) @ VGS = 10V, ID = 2.5A
• Low gate charge( Typ. 5nC )
• Low Crss ( Typ. 5pF )
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• RoHS compliant
Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary, planar
stripe, DMOS technology.
This advanced technology has been especically tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the avalanche
and commutation mode. These devices are well suited for high
efficient switched mode power supplies and active power factor
correction.
D
G
S
I-PAK
FDU Series
G D S
G
S
D
D-PAK
FDD Series
MOSFET Maximum Ratings T
C = 25
oC unless otherwise noted
Thermal Characteristics
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
200
V
VGSS
Gate to Source Voltage
±30
V
ID
DrainCurrent
-Continuous (TC = 25oC)
5
A
-Continuous (TC = 100oC)
3
IDM
Drain Current
- Pulsed
(Note 1)
15
A
EAS
Single Pulsed Avalanche Energy
(Note 2)
62.5
mJ
IAR
Avalanche Current
(Note 1)
5
A
EAR
Repetitive Avalanche Energy
(Note 1)
4.3
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation
(TC = 25oC)
43
W
- Derate above 25oC0.34
W/oC
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
Ratings
Units
RθJC
Thermal Resistance, Junction to Case
2.9
oC/W
RθJA
Thermal Resistance, Junction to Ambient
110


Podobny numer części - FDD7N20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD7N20LZ FAIRCHILD-FDD7N20LZ Datasheet
329Kb / 8P
   N-Channel UniFET MOSFET
More results

Podobny opis - FDD7N20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com