Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD241250 Arkusz danych(PDF) 4 Page - Powerex Power Semiconductors

Numer części CD241250
Szczegółowy opis  Fast Recovery Dual Diode Modules 50 Amperes/600-1200 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POWEREX [Powerex Power Semiconductors]
Strona internetowa  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD241250 Arkusz danych(HTML) 4 Page - Powerex Power Semiconductors

  CD241250 Datasheet HTML 1Page - Powerex Power Semiconductors CD241250 Datasheet HTML 2Page - Powerex Power Semiconductors CD241250 Datasheet HTML 3Page - Powerex Power Semiconductors CD241250 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D-32
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
CN24_ _50, CD24_ _50, CC24_ _50
Fast Recovery Dual Diode Modules
50 Amperes/600-1200 Volts
INSTANTANEOUS ON-STATE CURRENT, IFM,
(AMPERES)
MAXIMUM
ON-STATE CHARACTERISTICS
0.2
100
0.6
1.4
1.8
2.2
2.6
101
102
103
1.0
Tj = 25
oC
CYCLES AT 60 HZ
MAXIMUM ALLOWABLE PEAK SURGE
(NON-REPETITIVE) CURRENT
0
200
400
600
800
1000
100
101
102
MAXIMUM
ALLOWABLE CASE TEMPERATURE
AVERAGE ON-STATE CURRENT, IF(AV),
(AMPERES)
050
20
100
110
120
130
140
150
DC
40
30
10
MAXIMUM
ON-STATE POWER DISSIPATION
AVERAGE ON-STATE CURRENT, IF(AV),
(AMPERES)
050
30
0
20
40
60
80
100
10
20
40
DC
TIME, t, (SECONDS)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTICS (JUNCTION-TO-CASE)
0
10-3
0.2
0.4
0.6
0.8
1.0
10-2
10-1
100
100
101
INSTANTANEOUS ON-STATE CURRENT, IFM,
(AMPERES)
REVERSE RECOVERY
CHARACTERISTICS
100
101
103
10-1
101
102
10-1
101
102
Qrr
trr
VR = 600V
di/dt = -100A/µs
100
102
100
Irr
Tj = 25
oC
Tj = 150
oC


Podobny numer części - CD241250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Powerex Power Semicondu...
CD241250 POWEREX-CD241250 Datasheet
72Kb / 4P
   Fast Recovery Dual Diode Modules 50 Amperes/600-1200 Volts
logo
American Microsemicondu...
CD241250 AMMSEMI-CD241250 Datasheet
1Mb / 3P
   CN* Fast Recovery Dual Diode Modules
More results

Podobny opis - CD241250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Powerex Power Semicondu...
CN240650 POWEREX-CN240650 Datasheet
72Kb / 4P
   Fast Recovery Dual Diode Modules 50 Amperes/600-1200 Volts
CS240650 POWEREX-CS240650 Datasheet
74Kb / 4P
   Fast Recovery Single Diode Modules 50 Amperes/600-1200 Volts
CD240602 POWEREX-CD240602 Datasheet
72Kb / 4P
   Fast Recovery Dual Diode Modules 20 Amperes/600-1200 Volts
CN2410 POWEREX-CN2410 Datasheet
72Kb / 4P
   Fast Recovery Dual Diode Modules 100 Amperes/600-1200 Volts
CS240610 POWEREX-CS240610 Datasheet
74Kb / 4P
   Fast Recovery Single Diode Modules 100 Amperes/600-1200 Volts
CS340602 POWEREX-CS340602 Datasheet
73Kb / 4P
   Fast Recovery Single Diode Modules 20 Amperes/600-1200 Volts
CC24500N POWEREX-CC24500N Datasheet
64Kb / 2P
   Super Fast Recovery Dual Diode Modules 50 Amperes/300-600 Volts
CC2403500N POWEREX-CC2403500N Datasheet
64Kb / 2P
   Super Fast Recovery Dual Diode Modules 50 Amperes/300-600 Volts
QRC1230R30 POWEREX-QRC1230R30 Datasheet
526Kb / 3P
   Super Fast Recovery Diode Modules 210 Amperes/1200 Volts
QRD1220R30 POWEREX-QRD1220R30 Datasheet
525Kb / 3P
   Super Fast Recovery Diode Modules 140 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com