Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NE32684A-T1 Arkusz danych(PDF) 2 Page - NEC

Numer części NE32684A-T1
Szczegółowy opis  ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

NE32684A-T1 Arkusz danych(HTML) 2 Page - NEC

  NE32684A-T1 Datasheet HTML 1Page - NEC NE32684A-T1 Datasheet HTML 2Page - NEC NE32684A-T1 Datasheet HTML 3Page - NEC NE32684A-T1 Datasheet HTML 4Page - NEC NE32684A-T1 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NE32684A
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
FREQ.
NFOPT
GA
ΓΓΓΓΓOPT
(GHz)
(dB)
(dB)
MAG
ANG
Rn/50
1
0.28
22.4
.90
17
0.45
2
0.30
19.4
.85
32
0.37
4
0.33
16.3
.72
64
0.27
6
0.37
14.5
.62
91
0.21
8
0.40
13.3
.54
116
0.15
10
0.45
12.2
.48
138
0.10
12
0.50
11.5
.42
164
0.07
14
0.62
10.7
.38
-169
0.07
16
0.75
10.2
.34
-139
0.08
18
0.91
9.7
.34
-101
0.09
201
1.10
9.2
.38
-77
0.10
Note:
1. Data at 20 GHz is extrapolated, not measured.
TYPICAL NOISE PARAMETERS (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDS
Drain to Source Voltage
V
4.0
VGS
Gate to Source Voltage
V
-3.0
IDS
Drain Current
mA
IDSS
IGRF
Gate Current
µA
200
TCH
Channel Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to +150
PT
Total Power Dissipation
mW
165
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
Ambient Temperature, TA (°C)
0
25
50
75
100
125
150
175
200
250
200
150
100
50
0
Free Air
Infinite
Heat sink
TA = TLEAD
TYPICAL PERFORMANCE CURVES (TA = 25°C)
TRANSCONDUCTANCE vs.
DRAIN CURRENT
100
80
60
40
20
0
0
10
20
30
40
50
NOISE FIGURE AND
ASSOCIATED GAIN vs. DRAIN CURRENT
VDS = 2 V, f = 12 GHz
Drain Current, IDS (mA)
50
40
30
20
10
0
0
1.5
3.0
VGS
0.0 V
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
-0.7
Drain to Source Voltage, VDS (V)
Drain Current, IDS (mA)
Note:
1. Operation in excess of any one of these parameters may result in
permanent damage.
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0 2
5
10
15
20
25
30
35
NF
GA
14
12
10
8
6
4
2
0


Podobny numer części - NE32684A-T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
NE32000 NEC-NE32000 Datasheet
247Kb / 7P
   LOW COSET LOW NOISE K-BAND HETERO JUNCTION FET
NE32083A NEC-NE32083A Datasheet
247Kb / 7P
   LOW COSET LOW NOISE K-BAND HETERO JUNCTION FET
NE32084 NEC-NE32084 Datasheet
247Kb / 7P
   LOW COSET LOW NOISE K-BAND HETERO JUNCTION FET
NE321000 NEC-NE321000 Datasheet
48Kb / 12P
   C to Ka BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET CHIP
logo
California Eastern Labs
NE321000 CEL-NE321000 Datasheet
135Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
More results

Podobny opis - NE32684A-T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
California Eastern Labs
NE24283B CEL-NE24283B Datasheet
49Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE321000 CEL-NE321000_01 Datasheet
135Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32400 NEC-NE32400_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE321000 CEL-NE321000 Datasheet
141Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE24200 CEL-NE24200 Datasheet
47Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32484A NEC-NE32484A_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32984D NEC-NE32984D Datasheet
51Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32584C NEC-NE32584C_98 Datasheet
57Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE32584 CEL-NE32584 Datasheet
58Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE24200 NEC-NE24200_00 Datasheet
46Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com