Zakładka z wyszukiwarką danych komponentów |
|
SN74AHCT126DGVR Arkusz danych(PDF) 4 Page - Texas Instruments |
|
|
SN74AHCT126DGVR Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 20 page SN54AHCT126, SN74AHCT126 QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS SCLS265O – DECEMBER 1995 – REVISED JULY 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54AHCT126 SN74AHCT126 UNIT PARAMETER (INPUT) (OUTPUT) CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tPLH A Y CL =15 pF 3.8* 5.5* 1* 6.5* 1 6.5 ns tPHL A Y CL = 15 pF 3.8* 5.5* 1* 6.5* 1 6.5 ns tPZH OE Y CL =15 pF 3.6* 5.1* 1* 6* 1 6 ns tPZL OE Y CL = 15 pF 3.6* 5.1* 1* 6* 1 6 ns tPHZ OE Y CL =15 pF 4.6* 6.8* 1* 8* 1 8 ns tPLZ OE Y CL = 15 pF 4.6* 6.8* 1* 8* 1 8 ns tPLH A Y CL =50 pF 5.3 7.5 1 8.5 1 8.5 ns tPHL A Y CL = 50 pF 5.3 7.5 1 8.5 1 8.5 ns tPZH OE Y CL =50 pF 5.1 7.1 1 8 1 8 ns tPZL OE Y CL = 50 pF 5.1 7.1 1 8 1 8 ns tPHZ OE Y CL =50 pF 6.1 8.8 1 10 1 10 ns tPLZ OE Y CL = 50 pF 6.1 8.8 1 10 1 10 ns tsk(o) CL = 50 pF 1** 1 ns * On products compliant to MIL-PRF-38535, this parameter is not production tested. ** On products compliant to MIL-PRF-38535, this parameter does not apply. noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 4) PARAMETER SN74AHCT126 UNIT PARAMETER MIN MAX UNIT VOL(P) Quiet output, maximum dynamic VOL 0.8 V VOL(V) Quiet output, minimum dynamic VOL –0.8 V VOH(V) Quiet output, minimum dynamic VOH 4.4 V VIH(D) High-level dynamic input voltage 2 V VIL(D) Low-level dynamic input voltage 0.8 V NOTE 4: Characteristics are for surface-mount packages only. operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance No load, f = 1 MHz 14 pF |
Podobny numer części - SN74AHCT126DGVR |
|
Podobny opis - SN74AHCT126DGVR |