Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DS1631 Arkusz danych(PDF) 2 Page - Maxim Integrated Products

Numer części DS1631
Szczegółowy opis  High-Precision Digital Thermometer and Thermostat
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1631 Arkusz danych(HTML) 2 Page - Maxim Integrated Products

  DS1631 Datasheet HTML 1Page - Maxim Integrated Products DS1631 Datasheet HTML 2Page - Maxim Integrated Products DS1631 Datasheet HTML 3Page - Maxim Integrated Products DS1631 Datasheet HTML 4Page - Maxim Integrated Products DS1631 Datasheet HTML 5Page - Maxim Integrated Products DS1631 Datasheet HTML 6Page - Maxim Integrated Products DS1631 Datasheet HTML 7Page - Maxim Integrated Products DS1631 Datasheet HTML 8Page - Maxim Integrated Products DS1631 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS1631/DS1631A/DS1731
2 of 15
Table 1. ORDERING INFORMATION
ORDERING
NUMBER
PACKAGE
MARKING
DESCRIPTION
DS1631U+
D1631 (See Note)
DS1631 in Lead-Free 8-Pin
μSOP
DS1631U+T&R
D1631 (See Note)
DS1631 in Lead-Free 8-Pin
μSOP, 3000 Piece Tape-and-
Reel
DS1631Z+
DS1631Z (See Note)
DS1631 in Lead-Free 150 mil 8-Pin SO
DS1631Z+T&R
DS1631Z (See Note)
DS1631 in Lead-Free 150 mil 8-Pin SO, 2500 Piece Tape-
and-Reel
DS1631AU+
1631A (See Note)
DS1631A in Lead-Free 8-Pin
μSOP
DS1631AU+T&R
1631A (See Note)
DS1631A in Lead-Free 8-Pin
μSOP, 3000 Piece Tape-and-
Reel
DS1631S+
DS1631S (See Note)
DS1631 in Lead-Free 208 mil 8-Pin SO
DS1631S+T&R
DS1631S (See Note)
DS1631 in Lead-Free 208 mil 8-Pin SO, 2000 Piece Tape-
and-Reel
DS1631+
DS1631 (See Note)
DS1631 in Lead-Free 300 mil 8-Pin DIP
DS1731U+
D1731 (See Note)
DS1731 in Lead-Free 8-Pin
μSOP
DS1731U+T&R
D1731 (See Note)
DS1731 in Lead-Free 8-Pin
μSOP, 3000 Piece Tape-and-
Reel
DS1631U
D1631
DS1631 in 8-Pin
μSOP
DS1631U/T&R
D1631
DS1631 in 8-Pin
μSOP, 3000-Piece Tape-and-Reel
DS1631Z
DS1631Z
DS1631 in 150mil 8-Pin SO
DS1631Z/T&R
DS1631Z
DS1631 in 150mil 8-Pin SO, 2500-Piece Tape-and-Reel
DS1631AU
1631A
DS1631A in 8-Pin
μSOP
DS1631AU/T&R
1631A
DS1631A in 8-Pin
μSOP, 3000-Piece Tape-and-Reel
DS1631S
DS1631S
DS1631 in 208 mil 8-Pin SO
DS1631S/T&R
DS1631S
DS1631 in Lead-Free 208 mil 8-Pin SO, 2000 Piece Tape-
and-Reel
DS1631
DS1631
DS1631 in 300 mil 8-Pin DIP
DS1731U
D1731
DS1731 in 8-Pin
μSOP
DS1731U/T&R
D1731
DS1731 in 8-Pin
μSOP, 3000-Piece Tape-and-Reel
Note: A "+" symbol will also be marked on the package near the Pin 1 indicator
Table 2. DETAILED PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1
SDA
Data Input/Output Pin for 2-Wire Serial Communication Port. Open-Drain.
2
SCL
Clock Input Pin for 2-Wire Serial Communication Port.
3
TOUT
Thermostat Output Pin. Push-Pull.
4
GND
Ground Pin
5
A2
Address Input Pin
6
A1
Address Input Pin
7
A0
Address Input Pin
8
VDD
Supply Voltage Pin. +2.7V to +5.5V Power-Supply Pin.


Podobny numer części - DS1631

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DS1631 NSC-DS1631 Datasheet
153Kb / 8P
   CMOS Dual Peripheral Drivers
logo
Dallas Semiconductor
DS1631 DALLAS-DS1631 Datasheet
288Kb / 19P
   256k NV SRAM with Phantom Clock
DS1631 DALLAS-DS1631 Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
logo
Texas Instruments
DS1631 TI1-DS1631 Datasheet
403Kb / 10P
[Old version datasheet]   CMOS Dual Peripheral Drivers
logo
Dallas Semiconductor
DS1631-DS1731 DALLAS-DS1631-DS1731 Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
More results

Podobny opis - DS1631

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
DS1631 MAXIM-DS1631_15 Datasheet
464Kb / 14P
   High-Precision Digital Thermometer and Thermostat
Rev 1; 1/15
logo
Dallas Semiconductor
DS1631-DS1731 DALLAS-DS1631-DS1731 Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1626 MAXIM-DS1626 Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626 Datasheet
216Kb / 13P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com