Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV32N Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74LV32N
Szczegółowy opis  Quad 2-input OR gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LV32N Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74LV32N Datasheet HTML 1Page - NXP Semiconductors 74LV32N Datasheet HTML 2Page - NXP Semiconductors 74LV32N Datasheet HTML 3Page - NXP Semiconductors 74LV32N Datasheet HTML 4Page - NXP Semiconductors 74LV32N Datasheet HTML 5Page - NXP Semiconductors 74LV32N Datasheet HTML 6Page - NXP Semiconductors 74LV32N Datasheet HTML 7Page - NXP Semiconductors 74LV32N Datasheet HTML 8Page - NXP Semiconductors 74LV32N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
74LV32_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 9 November 2007
5 of 15
NXP Semiconductors
74LV32
Quad 2-input OR gate
9.
Static characteristics
[1]
Typical values are measured at Tamb = 25 °C.
Table 6.
Static characteristics
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level input voltage
VCC = 1.2 V
VCC
0.6
-
VCC
-V
VCC = 2.0 V
1.4
-
-
1.4
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VCC = 4.5 V to 5.5 V
0.7VCC
-
-
0.7VCC
-V
VIL
LOW-level input voltage
VCC = 1.2 V
-
0.4
GND
-
GND
V
VCC = 2.0 V
-
-
0.6
-
0.6
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3VCC
-
0.3VCC V
VOH
HIGH-level output voltage
VI = VIH or VIL
lO = −100 µA; VCC = 1.2 V
-
1.2
-
-
-
V
lO = −100 µA; VCC = 2.0 V
1.8
2.0
-
1.8
-
V
lO = −100 µA; VCC = 2.7 V
2.5
2.7
-
2.5
-
V
lO = −100 µA; VCC = 3.0 V
2.8
3.0
-
2.8
-
V
lO = −100 µA; VCC = 4.5 V
4.3
4.5
-
4.3
-
V
lO = −6 mA; VCC = 3.0 V
2.4
2.82
-
2.2
-
V
lO = −12 mA; VCC = 4.5 V
3.6
4.2
-
3.5
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 100 µA; VCC = 1.2 V
-
0
-
-
-
V
IO = 100 µA; VCC = 2.0 V
-
0
0.2
-
0.2
V
IO = 100 µA; VCC = 2.7 V
-
0
0.2
-
0.2
V
IO = 100 µA; VCC = 3.0 V
-
0
0.2
-
0.2
V
IO = 100 µA; VCC = 4.5 V
-
0
0.2
-
0.2
V
IO = 6 mA; VCC = 3.0 V
-
0.25
0.40
-
0.50
V
IO = 12 mA; VCC = 4.5 V
-
0.35
0.55
-
0.65
V
II
input leakage current
VI =VCC or GND;
VCC = 5.5 V
-
-
1.0
-
1.0
µA
ICC
supply current
VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
20.0
-
40
µA
∆ICC
additional supply current
per input; VI = VCC − 0.6 V;
VCC = 2.7 V to 3.6 V
-
-
500
-
850
µA
CI
input capacitance
-
3.5
-
-
-
pF


Podobny numer części - 74LV32N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV32N PHILIPS-74LV32N Datasheet
104Kb / 10P
   Quad 2-input OR gate
1998 Apr 20
More results

Podobny opis - 74LV32N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com