Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV123N Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74LV123N
Szczegółowy opis  Dual retriggerable monostable multivibrator with reset
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LV123N Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74LV123N Datasheet HTML 7Page - NXP Semiconductors 74LV123N Datasheet HTML 8Page - NXP Semiconductors 74LV123N Datasheet HTML 9Page - NXP Semiconductors 74LV123N Datasheet HTML 10Page - NXP Semiconductors 74LV123N Datasheet HTML 11Page - NXP Semiconductors 74LV123N Datasheet HTML 12Page - NXP Semiconductors 74LV123N Datasheet HTML 13Page - NXP Semiconductors 74LV123N Datasheet HTML 14Page - NXP Semiconductors 74LV123N Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
74LV123_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 8 November 2007
11 of 23
NXP Semiconductors
74LV123
Dual retriggerable monostable multivibrator with reset
[1]
All typical values are measured at Tamb = 25 °C and nominal supply values (VCC = 3.3 V and 5.0 V).
[2]
tpd is the same as tPLH and tPHL; CEXT = 0 pF; REXT =5 kΩ.
[3]
For other REXT and CEXT combinations see Figure 11 and Section 12.1.1 “Basic timing”.
[4]
CEXT has no limits.
[5]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(CL × VCC2 × fo) = sum of the outputs.
Outputs; nQ = LOW and nQ = HIGH, see Figure 7
tW
pulse width
CEXT = 100 nF; REXT = 10 kΩ
VCC = 2.0 V
-
470
-
-
-
ns
VCC = 2.7 V
-
460
-
-
-
ns
VCC = 3.0 V to 3.6 V
-
450
-
-
-
ns
VCC = 4.5 V to 5.5 V
-
430
-
-
-
ns
CEXT = 0 pF; REXT = 5 kΩ
VCC = 2.0 V
-
100
-
-
-
ns
VCC = 2.7 V
-
90
-
-
-
ns
VCC = 3.0 V to 3.6 V
-
80
-
-
-
ns
VCC = 4.5 V to 5.5 V
-
70
-
-
-
ns
External components
REXT
external
resistance
see Figure 11
[3]
VCC = 1.2 V
10
-
1000
-
-
k
VCC = 2.0 V
5
-
1000
-
-
k
VCC = 2.7 V
3
-
1000
-
-
k
VCC = 3.0 V to 3.6 V
2
-
1000
-
-
k
VCC = 4.5 V to 5.5 V
2
-
1000
-
-
k
CEXT
external
capacitance
see Figure 11
[3][4]
VCC = 1.2 V
-
-
-
-
-
pF
VCC = 2.0 V
-
-
-
-
-
pF
VCC = 2.7 V
-
-
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
-
-
-
-
pF
VCC = 4.5 V to 5.5 V
-
-
-
-
-
pF
Dynamic power dissipation
CPD
power dissipation
capacitance
VCC = 3.3 V; VI = GND to VCC
[5]
-60-
-
-
pF
Table 7.
Dynamic characteristics …continued
GND = 0 V; tr =tf ≤ 2.5 ns; for test circuit see Figure 8.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max


Podobny numer części - 74LV123N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV123N PHILIPS-74LV123N Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74LV123N PHILIPS-74LV123N Datasheet
278Kb / 24P
   Dual retriggerable monostable multivibrator with reset Rev. 7 ??12 December 2011
Rev. 7-12 December 2011
More results

Podobny opis - 74LV123N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com