Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM6801AB Arkusz danych(PDF) 5 Page - Nippon Precision Circuits Inc

Numer części SM6801AB
Szczegółowy opis  Class-D Mono Amplifier for Portable Device
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NPC [Nippon Precision Circuits Inc]
Strona internetowa  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6801AB Arkusz danych(HTML) 5 Page - Nippon Precision Circuits Inc

  SM6801AB Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SM6801A
SEIKO NPC CORPORATION —5
AC Analog Characteristics
VDD1 = VDD2 = VDD3 = VDD4 = 3.6V, VSS1 = VSS2 = 0V, 0.708Vrms analog input amplitude, 1kHz input
signal frequency, Ta = 25
°C, "Measurement Block Diagram", "Measurement Conditions", "Measurement Cir-
cuit", DRCN = PDWN = MUTEN = HIGH, unless otherwise noted.
Analog Input Characteristics (IN)
Standard voltage: VDD1 = VDD2 = VDD3 = VDD4 = 3.6V, VSS1 = VSS2 = 0V
Low voltage: VDD1 = VDD2 = VDD3 = VDD4 = 2.4V, VSS1 = VSS2 = 0V
Parameter
Symbol
Conditions
Rating
Unit
min
typ
max
Reference input amplitude 1
VAI1
PO = 0.25W
0.708
Vrms
Reference input amplitude 2
VAI2
PO = 0.05W
0.178
Vrms
Input resistance
RIN
40
60
80
k
Input clipping voltage
VCLP
PO = 0.5W
0.7
1
1.3
Vrms
Parameter
Symbol
Conditions
Rating
Unit
min
typ
max
Reference input amplitude 1
VAI1
PO = 42mW
0.316
Vrms
Reference input amplitude 2
VAI2
PO = 8mW
0.045
Vrms
Input resistance
RIN
40
60
80
k
Input clipping voltage
VCLP
PO = 100mW
0.38
0.48
0.58
Vrms


Podobny numer części - SM6801AB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M.S. Kennedy Corporatio...
SM6801A MSK-SM6801A Datasheet
92Kb / 1P
   Linear Constant Current LED Driver, Fixed 100mA
logo
SamHop Microelectronics...
SM6801A SAMHOP-SM6801A Datasheet
92Kb / 1P
   Linear Constant Current LED Driver, Fixed 100mA
More results

Podobny opis - SM6801AB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM6802A NPC-SM6802A Datasheet
213Kb / 15P
   Class-D Stereo Amplifier for Portable Device
logo
NXP Semiconductors
TFA9879 PHILIPS-TFA9879_15 Datasheet
1Mb / 60P
   Mono BTL class-D audio amplifier for portable applications
Rev. 02-15 October 2010
TFA9879 NXP-TFA9879 Datasheet
1Mb / 60P
   Mono BTL class-D audio amplifier for portable applications with digital input
Rev. 02-15 October 2010
logo
Nippon Precision Circui...
SM6800A NPC-SM6800A Datasheet
169Kb / 12P
   Class-D Mono Amplifier for Mobile Telephones
logo
Maxim Integrated Produc...
MAX98300 MAXIM-MAX98300 Datasheet
1Mb / 14P
   Mono 2.6W Class D Amplifier
Rev 0; 7/10
logo
STMicroelectronics
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
   10W MONO CLASS-D AMPLIFIER
TDA7482 STMICROELECTRONICS-TDA7482 Datasheet
112Kb / 6P
   25W MONO CLASS-D AMPLIFIER
logo
Maxim Integrated Produc...
MAX9830 MAXIM-MAX9830 Datasheet
1Mb / 11P
   Mono 2W Class D Amplifier
Rev 0; 8/09
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
logo
STMicroelectronics
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
   10W MONO CLASS-D AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com