Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74V3680-10PEU Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części SN74V3680-10PEU
Szczegółowy opis  102436, 204836, 409636, 819236, 1638436, 32768 횞 36 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74V3680-10PEU Arkusz danych(HTML) 4 Page - Texas Instruments

  SN74V3680-10PEU Datasheet HTML 1Page - Texas Instruments SN74V3680-10PEU Datasheet HTML 2Page - Texas Instruments SN74V3680-10PEU Datasheet HTML 3Page - Texas Instruments SN74V3680-10PEU Datasheet HTML 4Page - Texas Instruments SN74V3680-10PEU Datasheet HTML 5Page - Texas Instruments SN74V3680-10PEU Datasheet HTML 6Page - Texas Instruments SN74V3680-10PEU Datasheet HTML 7Page - Texas Instruments SN74V3680-10PEU Datasheet HTML 8Page - Texas Instruments SN74V3680-10PEU Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
SN74V3640, SN74V3650, SN74V3660, SN74V3670, SN74V3680, SN74V3690
1024
× 36, 2048 × 36, 4096 × 36, 8192 × 36, 16384 × 36, 32768 × 36
3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SCAS668A – NOVEMBER 2001 – REVISED MARCH 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Bus
Matching
(BM)
SN74V3640
SN74V3650
SN74V3660
SN74V3670
SN74V3680
SN74V3690
Write Clock (WCLK)
Master Reset (MRS)
Partial Reset (PRS)
Read Clock (RCLK)
Write Enable (WEN)
Load (LD)
Serial Enable (SEN)
First-Word Fall-Through or Serial Input
(FWFT/SI)
Full Flag or Input Ready (FF/IR)
Programmable Almost-Full Flag (PAF)
(
×36, ×18, ×9) Data In (D0–Dn)
Read Enable (REN)
Output Enable (OE)
(
×36, ×18, ×9) Data Out (Q0–Qn)
Retransmit (RT)
Empty Flag or Output Ready (EF/OR)
Programmable Almost-Empty Flag (PAE)
Half-Full Flag (HF)
Big Endian/Little Endian (BE)
Interspersed/
Noninterspersed Parity (IP)
Input Width (IW)
Output Width (OW)
Figure 1. Single-Device-Configuration Signal Flow
description (continued)
These FIFOs have five flag pins: empty flag or output ready (EF/OR), full flag or input ready (FF/IR), half-full
flag (HF), programmable almost-empty flag (PAE), and programmable almost-full flag (PAF). The EF and FF
functions are selected in standard mode. The IR and OR functions are selected in FWFT mode. HF, PAE, and
PAF always are available for use, regardless of timing mode.
PAE and PAF can be programmed independently to switch at any point in memory. Programmable offsets
determine the flag-switching threshold and can be loaded by parallel or serial methods. Eight default offset
settings also are provided, so that PAE can be set to switch at a predefined number of locations from the empty
boundary. The PAF threshold also can be set at similar predefined values from the full boundary. The default
offset values are set during master reset by the state of the FSEL0, FSEL1, and LD.
For serial programming, SEN, together with LD, loads the offset registers via the serial input (SI) on each rising
edge of WCLK. For parallel programming, WEN, together with LD, loads the offset registers via Dn on each
rising edge of WCLK. REN, together with LD, can read the offsets in parallel from Qn on each rising edge of
RCLK, regardless of whether serial parallel offset loading has been selected.
During master reset (MRS), the read and write pointers are set to the first location of the FIFO. The FWFT pin
selects standard mode or FWFT mode.
Partial reset (PRS) also sets the read and write pointers to the first location of the memory. However, the timing
mode, programmable-flag programming method, and default or programmed offset settings existing before
partial reset remain unchanged. The flags are updated according to the timing mode and offsets in effect. PRS
is useful for resetting a device in mid-operation, when reprogramming programmable flags would be
undesirable.
Also, the timing modes of PAE and PAF outputs can be selected. Timing modes can be set as either
asynchronous or synchronous for PAE and PAF.


Podobny numer części - SN74V3680-10PEU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-10PAG TI-SN74V215-10PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-10PAG TI-SN74V215-10PAG Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-15PAG TI-SN74V215-15PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
More results

Podobny opis - SN74V3680-10PEU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALVC3651 TI-SN74ALVC3651 Datasheet
383Kb / 26P
[Old version datasheet]   2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT3641 TI-SN74ACT3641 Datasheet
379Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT3641 TI-SN54ACT3641 Datasheet
377Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3651 TI-SN74ACT3651 Datasheet
376Kb / 26P
[Old version datasheet]   2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3651 TI1-SN74ACT3651_09 Datasheet
470Kb / 29P
[Old version datasheet]   2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3632 TI1-SN74ACT3632_08 Datasheet
503Kb / 30P
[Old version datasheet]   512 횞 36 횞 2CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74V263 TI-SN74V263 Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT3622 TI-SN74ACT3622 Datasheet
417Kb / 28P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ACT3632 TI-SN54ACT3632 Datasheet
383Kb / 25P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI-SN74ABT3612 Datasheet
462Kb / 31P
[Old version datasheet]   64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com