Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BYZ50A33 Arkusz danych(PDF) 1 Page - Semikron International

Numer części BYZ50A33
Szczegółowy opis  Silicon Protectifiers with TVS characteristics High-temperature diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMIKRON [Semikron International]
Strona internetowa  http://www.semikron.com
Logo SEMIKRON - Semikron International

BYZ50A33 Arkusz danych(HTML) 1 Page - Semikron International

  BYZ50A33 Datasheet HTML 1Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Silicon Press-fit
diodes
Silicon Protectifiers with
TVS characteristics
High-temperature diodes
BYZ 50A22 ... BYZ50K39
Pulse Power
Dissipation: 10000 W
Maximum Stand-off
voltage: / V
Publish Data
Features
Mechanical Data
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Dimensions in mm
BYZ 50A22 ... BYZ50K39
1
10-04-2006 SCT
© by SEMIKRON


Podobny numer części - BYZ50A33

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diotec Semiconductor
BYZ50A33 DIOTEC-BYZ50A33 Datasheet
163Kb / 2P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
BYZ50A33 DIOTEC-BYZ50A33 Datasheet
118Kb / 2P
   Silicon-Protectifiers with TVS characteristic ??High Temperature Diodes
BYZ50A33 DIOTEC-BYZ50A33 Datasheet
108Kb / 2P
   High Temperature Diodes
BYZ50A33 DIOTEC-BYZ50A33 Datasheet
156Kb / 2P
   Press-Fit Diodes ??Protectifiers
More results

Podobny opis - BYZ50A33

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semikron International
BYZ35A22 SEMIKRON-BYZ35A22_06 Datasheet
210Kb / 1P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Diotec Semiconductor
BYZ35A22 DIOTEC-BYZ35A22 Datasheet
152Kb / 2P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
BYZ50A22 DIOTEC-BYZ50A22 Datasheet
163Kb / 2P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Semikron International
BYZ50A22 SEMIKRON-BYZ50A22 Datasheet
206Kb / 1P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
BYZ35A22 SEMIKRON-BYZ35A22 Datasheet
206Kb / 1P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Diotec Semiconductor
BYZ35A22 DIOTEC-BYZ35A22_07 Datasheet
72Kb / 2P
   Silicon-Protectifiers with TVS characteristic - High Temperature Diodes
BYZ50A22 DIOTEC-BYZ50A22_09 Datasheet
118Kb / 2P
   Silicon-Protectifiers with TVS characteristic ??High Temperature Diodes
BYZ35A22 DIOTEC-BYZ35A22_09 Datasheet
118Kb / 2P
   Silicon-Protectifiers with TVS characteristic ??High Temperature Diodes
BYZ50A22 DIOTEC-BYZ50A22_07 Datasheet
72Kb / 2P
   Silicon-Protectifiers with TVS characteristic -High Temperature Diodes
RA32Z39 DIOTEC-RA32Z39 Datasheet
158Kb / 2P
   Silicon Protectifiers with TVS characteristic - Button Diodes
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com