Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP1942CZUE Arkusz danych(PDF) 11 Page - Toshiba Semiconductor

Numer części TMP1942CZUE
Szczegółowy opis  32bit TX System RISC
Download  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP1942CZUE Arkusz danych(HTML) 11 Page - Toshiba Semiconductor

Back Button TMP1942CZUE Datasheet HTML 7Page - Toshiba Semiconductor TMP1942CZUE Datasheet HTML 8Page - Toshiba Semiconductor TMP1942CZUE Datasheet HTML 9Page - Toshiba Semiconductor TMP1942CZUE Datasheet HTML 10Page - Toshiba Semiconductor TMP1942CZUE Datasheet HTML 11Page - Toshiba Semiconductor TMP1942CZUE Datasheet HTML 12Page - Toshiba Semiconductor TMP1942CZUE Datasheet HTML 13Page - Toshiba Semiconductor TMP1942CZUE Datasheet HTML 14Page - Toshiba Semiconductor TMP1942CZUE Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 406 page
background image
TX1942CY/CZ
TMP1942CY/CZ-10
Pin Name # of Pins
Type
Function
P91
DSU (PCST2)
KEY9
1
Input/output
Output
Input
Port 91: Programmable as input or output
DSU pin
Key on wake-up input (with internal pull-up resister) (dynamic pull-up selectable)
P92
DSU (PCST1)
TB40UT
1
Input/output
Output
Output
Port 92: Programmable as input or output
DSU pin
16-Bit Timer 4 Output: Output from 16-bit Timer 4
P93
DSU (PCST0)
TB5OUT
1
Input/output
Output
Output
Port 93: Programmable as input or output
DSU pin
16-Bit Timer 5 Output: Output from 16-bit Timer 5
P94
DSU
(SDSA0/TPC)
TB6OUT
1
Input/output
Output
Output
Port 94: Programmable as input or output
DSU pin
16-Bit Timer 6 Output: Output from 16-bit Timer 6
P95
DSU (DBGE*)
TB7IN0
1
Input/output
Input
Port 95: Programmable as input or output
DSU pin
16-Bit Timer 7 Input 0: Count/capture trigger input to 16-bit Timer 7
P96
DSU (DINT*)
TB7IN1
1
Input/output
Input
Port 96: Programmable as input or output
DSU pin
16-Bit Timer 7 Input 1: Capture trigger input to 16-bit Timer 7
P97
DSU
(DRESET)
TB7OUT
1
Input/output
Input
Output
Port 97: Programmable as input or output
DSU pin
16-Bit Timer 7 Output: Output from 16-bit Timer 7
PA0
TB0IN0
INT3
1
Input/output
Input
Input
Port A0: Programmable as input or output
16-Bit Timer 0 Input 0: Count/capture trigger input to 16-bit Timer 0
Interrupt Request 3:
Programmable to be high-level, low-level, rising-edge or
falling-edge sensitive
PA1
TB0IN1
INT4
1
Input/output
Input
Input
Port A1: Programmable as input or output
16-Bit Timer 0 Input 1: Capture trigger input to 16-bit Timer 0
Interrupt Request 4:
Programmable to be high-level, low-level, rising-edge or
falling-edge sensitive
PA2
TB0OUT
1
Input/output
Output
Port A2: Programmable as input or output
16-Bit Timer 0 Output: Output from 16-bit Timer 0
PA3
TB1IN0
INT5
1
Input/output
Input
Input
Port A3: Programmable as input or output
16-Bit Timer 1 Input 0: Count/capture trigger input to 16-bit Timer 1
Interrupt Request 5:
Programmable to be high-level, low-level, rising-edge or
falling-edge sensitive
PA4
TB1IN1
INT6
1
Input/output
Input
Input
Port A4: Programmable as input or output
16-Bit Timer 1 Input 1: Capture trigger input to 16-bit Timer 1
Interrupt Request 6:
Programmable to be high-level, low-level, rising-edge or
falling-edge sensitive
PA5
TB1OUT
1
Input/output
Output
Port A5: Programmable as input or output
16-Bit Timer 1 Output: Output from 16-bit Timer 1
PA6
TA1OUT
1
Input/output
Output
Port A6: Programmable as input or output
8-Bit Timer 0/1 Output: Output from 8-bit Timer 0 or 1
PA7
TA0IN
KEYA
1
Input/output
Input
Input
Port A7: Programmable as input or output
8-Bit Timer 0 Input: Input to 8-bit Timer 0
Key on wake-up input (with internal pull-up resister) (dynamic pull-up selectable)
PB0
TB2IN0
INTB
1
Input/output
Input
Input
Port B0: Programmable as input or output
16-Bit Timer 2 Input 0: Count/capture trigger input/2-phase input pulse counter input to
16-bit Timer 2
Interrupt Request B:
Programmable to be high-level, low-level, rising-edge or
falling-edge sensitive


Podobny numer części - TMP1942CZUE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TMP1942FDU TOSHIBA-TMP1942FDU Datasheet
1Mb / 106P
   32bit TX System RISC
TMP1942XBG TOSHIBA-TMP1942XBG Datasheet
1Mb / 106P
   32bit TX System RISC
More results

Podobny opis - TMP1942CZUE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TMP1942FDU TOSHIBA-TMP1942FDU Datasheet
1Mb / 106P
   32bit TX System RISC
TX19A TOSHIBA-TX19A Datasheet
2Mb / 491P
   32Bit TX System RISC
TMP1941AF TOSHIBA-TMP1941AF Datasheet
3Mb / 354P
   32-Bit TX System RISC
TX4939 TOSHIBA-TX4939 Datasheet
7Mb / 756P
   64-Bit TX System RISC
TX4939XBG-400 TOSHIBA-TX4939XBG-400 Datasheet
6Mb / 740P
   64-Bit TX System RISC TX49 Family
TMPR4938 TOSHIBA-TMPR4938 Datasheet
3Mb / 716P
   64-Bit TX System RISC TX49 Family
TMPR4955B TOSHIBA-TMPR4955B Datasheet
1Mb / 292P
   64-Bit TX System RISC TX49 Family
TMPR4956C TOSHIBA-TMPR4956C Datasheet
1Mb / 286P
   64-Bit TX System RISC TX49 Family
TMPR4937 TOSHIBA-TMPR4937 Datasheet
3Mb / 552P
   64-Bit TX System RISC TX49 Family
TMPR4951B TOSHIBA-TMPR4951B Datasheet
1Mb / 256P
   64-Bit TX System RISC TX49 Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com