Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP1962F10AXBG Arkusz danych(PDF) 6 Page - Toshiba Semiconductor

Numer części TMP1962F10AXBG
Szczegółowy opis  32-Bit RISC Microprocessor
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP1962F10AXBG Arkusz danych(HTML) 6 Page - Toshiba Semiconductor

Back Button TMP1962F10AXBG Datasheet HTML 2Page - Toshiba Semiconductor TMP1962F10AXBG Datasheet HTML 3Page - Toshiba Semiconductor TMP1962F10AXBG Datasheet HTML 4Page - Toshiba Semiconductor TMP1962F10AXBG Datasheet HTML 5Page - Toshiba Semiconductor TMP1962F10AXBG Datasheet HTML 6Page - Toshiba Semiconductor TMP1962F10AXBG Datasheet HTML 7Page - Toshiba Semiconductor TMP1962F10AXBG Datasheet HTML 8Page - Toshiba Semiconductor TMP1962F10AXBG Datasheet HTML 9Page - Toshiba Semiconductor TMP1962F10AXBG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 108 page
background image
TMP1962F10AXBG
TMP1962F-6
2.
Pin Assignment
This section contains pin assignments for the TMP1962F10AXBG as well as brief description of the
TMP1962F10AXBG input and output signals.
2.1
Pin Assignment
The following illustrates the TMP1962F10AXBG pin assignment.
Figure 2.1 Pin Assignment (P-FBGA281)
The following provides a pin cross reference by pin number.
Table 2.1 Pin Cross Reference by Pin Number (1/2)
Pin
No.
Pin Name
Pin
No.
Pin Name
Pin
No.
Pin Name
Pin
No.
Pin Name
Pin
No.
Pin Name
A1
NC
A13
PK1/KEY1
B8
P75/AIN5
C2
PCST3 (DSU)
C14
PK6/KEY6
A2
VREFL
A14
PI1/INT1
B9
PL0/TA4IN
C3
P92/AIN18
C15
PI5/INT9
A3
P90/AIN16
A15
PI3/INT3
B10
PL3/TAAIN
C4
P95/AIN21
C16
TCK (JTAG)
A4
P93/AIN19
A16
PI6/INTA
B11
PM1
C5
P82/AIN10
C17
CVCC2
A5
P80/AIN8
A17
X2
B12
PM4
C6
P85/AIN13
C18
XT2
A6
P83/AIN11
B1
AVCC31
B13
PK2/KEY2
C7
P72/AIN2
D1
SDAO/TPC (DSU)
A7
P70/AIN0
B2
VREFH
B14
PI2/INT2
C8
AVSS
D2
PCST2 (DSU)
A8
P74/AIN4
B3
P91/AIN17
B15
PI4/INT4
C9
PL1/TA6IN
D3
SDI/ DINT (DSU)
A9
NC
B4
P94/AIN20
B16
PI7
C10
PL4/TB0IN0
D4
DVCC2
A10
PL2/TA8IN
B5
P81/AIN9
B17
CVSS
C11
PM2
D5
P96/AIN22
A11
PM0
B6
P84/AIN12
B18
X1
C12
PM5
D6
P86/AIN14
A12
PK0/KEY0
B7
P71/AIN1
C1
PCST0 (DSU)
C13
PK3/KEY3
D7
P73/AIN3
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
B18
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
C13
C14
C15
C16
C17
C18
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
D16
D17
D18
E1
E2
E3
E4
E5
E6
E7
E8
E9
E10
E11
E12
E13
E14
E15
E16
E17
E18
F1
F2
F3
F4
F5
F7
F8
F9
F10
F11
F12
F14
F15
F16
F17
F18
G1
G2
G3
G4
G5
G6
G13
G14
G15
G16
G17
G18
H1
H2
H3
H4
H5
H6
H13
H14
H15
H16
H17
H18
J1
J2
J3
J4
J5
J6
J13
J14
J15
J16
J17
J18
K1
K2
K3
K4
K5
K6
K13
K14
K15
K16
K17
K18
L1
L2
L3
L4
L5
L6
L13
L14
L15
L16
L17
L18
M1
M2
M3
M4
M5
M6
M13
M14
M15
M16
M17
M18
N1
N2
N3
N4
N5
N7
N8
N9
N10
N11
N12
N14
N15
N16
N17
N18
P1
P2
P3
P4
P5
P6
P7
P8
P9
P10
P11
P12
P13
P14
P15
P16
P17
P18
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
R15
R16
R17
R18
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
T11
T12
T13
T14
T15
T16
T17
T18
V2
V3
V4
V5
V6
V7
V8
V9
V10
V11
V12
V13
V14
V15
V16
V17
U1
U2
U3
U4
U5
U6
U7
U8
U9
U10
U11
U12
U13
U14
U15
U16
U17
U18


Podobny numer części - TMP1962F10AXBG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
   32-Bit RISC Microprocessor
More results

Podobny opis - TMP1962F10AXBG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
   32-Bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
   32-bit RISC Microprocessor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
   32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
   32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
   32-bit RISC Microprocessor
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
   32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
   32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
   32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
   32-bit RISC Microprocessor
logo
Samsung semiconductor
S3C2800 SAMSUNG-S3C2800 Datasheet
119Kb / 22P
   32-BIT RISC MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com