Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA2002-BE13A Arkusz danych(PDF) 1 Page - Rohm

Numer części KA2002-BE13A
Szczegółowy opis  For Mobile, FET-POS, Debit Card, PDA, ECR 2.7V Print Voltage (B Series)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

KA2002-BE13A Arkusz danych(HTML) 1 Page - Rohm

  KA2002-BE13A Datasheet HTML 1Page - Rohm KA2002-BE13A Datasheet HTML 2Page - Rohm KA2002-BE13A Datasheet HTML 3Page - Rohm KA2002-BE13A Datasheet HTML 4Page - Rohm KA2002-BE13A Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KA2002-BE13A
Printheads
1/4
For Mobile, FET-POS, Debit Card, PDA, ECR
2.7V Print Voltage (B Series)
KA2002-BE13A
Not only hand-held printers, but card payment terminals (EFT-POS) and compact label printers require less than 8.5V of
supply voltage.
ROHM’s B Series of thermal printheads, developed using cutting-edge LSI technology, can operate on a single lithium
ion battery and contribute to end-product miniaturization.
Applications
Mobile printers
EFT-POS printers
Hand-held printers
Debit card printers
Features
1) The B series brings reduced height of protective resin for IC and enlarged paper pathway for thermal papers. Thanks
to ROHM’s latest LSI high integrated mounting technology and it’s ultra slim 192bit driver IC.
2) The B series accede the great world class low energy consumption characteristics of GP series.
3) Because the print heads circuits draw 2.7V, the printer can be driven using a single lithium ion battery.
Dimensions (Unit : mm)
Dot #384
Dot #1
48(Effective print width)
54
Max.1.7
Connector
Insert direction of cable
3.0
No.28
No.1
1.1
Pad


Podobny numer części - KA2002-BE13A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
KA2002-BE10A ROHM-KA2002-BE10A Datasheet
52Kb / 5P
   Compact Battery drivable thick film thermal printhead (8dots / mm)
KA2002-BE10A ROHM-KA2002-BE10A Datasheet
109Kb / 5P
   For Mobile, FET-POS, Debit Card, PDA, ECR 2.7V Print Voltage (B Series)
KA2002-BE10A ROHM-KA2002-BE10A_07 Datasheet
109Kb / 5P
   For Mobile, FET-POS, Debit Card, PDA, ECR 2.7V Print Voltage (B Series)
More results

Podobny opis - KA2002-BE13A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
KA2002-BE10A ROHM-KA2002-BE10A_07 Datasheet
109Kb / 5P
   For Mobile, FET-POS, Debit Card, PDA, ECR 2.7V Print Voltage (B Series)
KA2004-BE51A ROHM-KA2004-BE51A Datasheet
150Kb / 5P
   For Mobile, FET-POS, Debit Card, PDA, ECR 2.7V Print Voltage (B Series)
KA2003-BE51A ROHM-KA2003-BE51A Datasheet
194Kb / 5P
   For Mobile, FET-POS, Debit Card, PDA, ECR 2.7V Print Voltage (B Series)
logo
ITT Industries
LPCTP-1 ITT-LPCTP-1 Datasheet
68Kb / 1P
   Mobile Mobile Phones Portable Radio Portable Satellite PDA
LPCSP1 ITT-LPCSP1 Datasheet
61Kb / 1P
   Mobile Mobile Phones Portable Radio Portable Satellite PDA
LPCMID ITT-LPCMID Datasheet
64Kb / 1P
   Mobile Mobile Phones PDA Portable Radio Portable Satellite
logo
Advantech Co., Ltd.
AIM-P708 ADVANTECH-AIM-P708 Datasheet
311Kb / 1P
   Simple cradle for AIM-37 Mobile POS
8-Aug-2019
logo
ITT Industries
LPCCP1 ITT-LPCCP1 Datasheet
62Kb / 1P
   Antenna Interconnect for Satellite TV Receiver Mobile Phones PDA Portable Radio
logo
Advantech Co., Ltd.
AIM-P701 ADVANTECH-AIM-P701 Datasheet
749Kb / 1P
   Multi-Functional Smart Cradle for AIM-37 Mobile POS
26-Jun-2017
logo
STMicroelectronics
SMP100LC-XXX STMICROELECTRONICS-SMP100LC-XXX Datasheet
66Kb / 8P
   TRISILTM FOR HIGH DEBIT RATE TELECOM LINES PROTECTION
March 2000 - Ed: 3B
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com