Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

G10342-54 Arkusz danych(PDF) 1 Page - Hamamatsu Corporation

Numer części G10342-54
Szczegółowy opis  InGaAs PIN photodiode with preamp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HAMAMATSU [Hamamatsu Corporation]
Strona internetowa  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G10342-54 Arkusz danych(HTML) 1 Page - Hamamatsu Corporation

  G10342-54 Datasheet HTML 1Page - Hamamatsu Corporation G10342-54 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l Compatible with 10 Gbps Miniature Device (XMD-MSA)
l High-speed response: 11.3 Gbps
l Low power supply voltage: Vcc=Vpd=3.3 V
l Differential output
l Sensitivity: +3 to -20.5 dBm
l High trans-impedance gain: 6 kΩ
l Low optical return loss: 35 dB Typ.
l Isolation type: Housing and signal ground are
electrically isolated.
l Flex board interface (G10342-54)
Applications
l SDH/SONET (STM-64/OC-192)
l 10 Gigabit Ethernet
l XFP transceiver
PHOTODIODE
InGaAs PIN photodiode with preamp
ROSA type, 1.3/1.55 µm, 10 Gbps
G10342-14/-54
1
s
s
s
s Absolute maximum ratings
Parameter
Symbol
Value
Unit
Supply voltage
Vcc
-0.5, +3.7
V
Reverse voltage (photodiode)
VR
7
V
Storage temperature *
1
Tstg
-40 to +90
°C
s
s
s
s Recommended operating conditions
Parameter
Symbol
Value
Unit
Case temperature *
1
Tc
-20 to 90
°C
Supply voltage
Vcc
3.05 to 3.53
V
Reverse voltage (photodiode)
Vpd
3.05 to 5.0
V
Spectral response range
λ
1.26 to 1.57
µm
Load resistance *
2
RL
50
Bit rate
-
9 to 11.1
Gbps
Bit pattern
-
NRZ, Mark ratio=1/2
-
*1: No condensation
*2: Capacitive coupling
s Electrical and optical characteristics (recommended operating conditions, unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
λ=1.31 µm
0.75
0.85
-
Responsivity
R
λ=1.55 µm
0.8
0.9
-
A/W
Supply current
Icc
Dark state, RL=
-
32
45
mA
Cut-off frequency
fc
λ=1.55 µm, -3 dB
7.0
9.0
-
GHz
Low cut-off frequency
fc-L
λ=1.55 µm, -3 dB
-
10
50
kHz
Noise equivalent power *
3
NEP
Dark state, to 7.5 GHz
-
1.0
-
µWrms
Trans-impedance *
3
Tz
RL=50
Ω, f=100 MHz
4
6
-
k
Minimum receivable sensitivity
Pmin
-
-20.5
-18.5
Maximum receivable sensitivity
Pmax
λ=1.55 µm,
PRBS=2
31-1, BER=10-12,
Extinction ratio=14 dB
+1
+3
-
dBm
Output amplitude
Vomax
Differential
300
450
650
mVpp
Tc=25 °C
-
0.05
0.5
Dark current
ID
Dark state,
Vpd=3.3 V
-
-
100
nA
Optical return loss
ORL
λ=1.31/1.55 µm
27
35
-
dB
*3: Single-ended (Vout+) measurement


Podobny numer części - G10342-54

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
G1034 ETC2-G1034 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
G1034 ETC2-G1034 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
logo
Heyco.
G1034 HEYCO-G1034 Datasheet
91Kb / 1P
   Rubber Grommets
More results

Podobny opis - G10342-54

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hamamatsu Corporation
G8339 HAMAMATSU-G8339 Datasheet
118Kb / 2P
   InGaAs PIN photodiode with preamp
G9128 HAMAMATSU-G9128 Datasheet
129Kb / 2P
   InGaAs PIN photodiode with preamp
G8338 HAMAMATSU-G8338 Datasheet
108Kb / 2P
   InGaAs PIN photodiode with preamp
G10518-51 HAMAMATSU-G10518-51 Datasheet
311Kb / 2P
   InGaAs PIN photodiode with preamp
G9820 HAMAMATSU-G9820 Datasheet
90Kb / 2P
   InGaAs PIN photodiode with preamp
G8340 HAMAMATSU-G8340 Datasheet
101Kb / 2P
   InGaAs PIN photodiode with preamp
G8925 HAMAMATSU-G8925 Datasheet
124Kb / 2P
   InGaAs PIN photodiode with preamp
G12072-54 HAMAMATSU-G12072-54_15 Datasheet
1Mb / 4P
   InGaAs PIN photodiode with preamp
logo
Eudyna Devices Inc
FRM3Z232BS EUDYNA-FRM3Z232BS Datasheet
609Kb / 4P
   InGaAs-PIN/Preamp Preamp
logo
Hamamatsu Corporation
G9822 HAMAMATSU-G9822 Datasheet
167Kb / 3P
   InGaAs PIN photodiodes with preamp
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com