Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK881 Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części 2SK881
Szczegółowy opis  Silicon N Channel Junction Type FM Tuner Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK881 Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  2SK881_07 Datasheet HTML 1Page - Toshiba Semiconductor 2SK881_07 Datasheet HTML 2Page - Toshiba Semiconductor 2SK881_07 Datasheet HTML 3Page - Toshiba Semiconductor 2SK881_07 Datasheet HTML 4Page - Toshiba Semiconductor 2SK881_07 Datasheet HTML 5Page - Toshiba Semiconductor 2SK881_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK881
2007-11-01
1
TOSHIBA Field Effect Transistor Silicon N Channel Junction Type
2SK881
FM Tuner Applications
VHF Band Amplifier Applications
• Low noise figure: NF = 2.5dB (typ.) (f = 100 MHz)
• High forward transfer admittance: |Yfs| = 9 mS (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Gate-drain voltage
VGDO
−18
V
Gate current
IG
10
mA
Drain power dissipation
PD
100
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = −0.5 V, VDS = 0
−10
nA
Gate-drain breakdown voltage
V (BR) GDO
IG = −10 μA
−18
V
Drain current
IDSS
(Note)
VGS = 0, VDS = 10 V
1.0
10
mA
Gate-source cut-off voltage
VGS (OFF)
VDS = 10 V, ID = 1 μA
−0.4
−4.0
V
Forward transfer admittance
⎪Yfs
VGS = 0, VDS = 10 V, f = 1 kHz
9
mS
Input capacitance
Ciss
VDS = 10 V, VGS = 0, f = 1 MHz
6.0
pF
Reverse transfer capacitance
Crss
VDS = 10 V, VGS = 0, f = 1 MHz
0.15
pF
Power gain
Gps
VDD = 10 V, f = 100 MHz (Figure 1)
10
18
dB
Noise figure
NF
VDD = 10 V, f = 100 MHz (Figure 1)
2.5
3.5
dB
Note: IDSS classification O: 1.0~3.0, Y: 2.5~6.0, GR: 5.0~10.0
Unit: mm
JEDEC
JEITA
SC-70
TOSHIBA
2-2E1C
Weight: 0.006 g (typ.)


Podobny numer części - 2SK881_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SK881 TOSHIBA-2SK881 Datasheet
199Kb / 4P
   N CHANNEL JUNCTION TYPE (FM TUNER APPLICATIONS VHF BAND AMPLIFIER APPLICATIONS)
More results

Podobny opis - 2SK881_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SK211 TOSHIBA-2SK211_07 Datasheet
714Kb / 6P
   Silicon N Channel Junction Type FM Tuner Applications
2SK210 TOSHIBA-2SK210_07 Datasheet
717Kb / 6P
   Silicon N Channel Junction Type FM Tuner Applications
logo
Sanyo Semicon Device
2SK212 SANYO-2SK212 Datasheet
121Kb / 5P
   N-Channel Junction Silicon FET(FM Tuner Applications)
logo
Toshiba Semiconductor
2SK881 TOSHIBA-2SK881 Datasheet
199Kb / 4P
   N CHANNEL JUNCTION TYPE (FM TUNER APPLICATIONS VHF BAND AMPLIFIER APPLICATIONS)
2SK210 TOSHIBA-2SK210 Datasheet
219Kb / 5P
   N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
2SK161 TOSHIBA-2SK161 Datasheet
240Kb / 4P
   N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
2SK211 TOSHIBA-2SK211 Datasheet
221Kb / 5P
   N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
2SK192A TOSHIBA-2SK192A Datasheet
234Kb / 4P
   N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
2SK882 TOSHIBA-2SK882_07 Datasheet
630Kb / 6P
   Silicon N Channel MOS Type FM Tuner, VHF RF Amplifier Applications
2SK302 TOSHIBA-2SK302_07 Datasheet
864Kb / 7P
   Silicon N Channel MOS Type FM Tuner, VHF RF Amplifier Applications
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com