Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK882 Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części 2SK882
Szczegółowy opis  Silicon N Channel MOS Type FM Tuner, VHF RF Amplifier Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK882 Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  2SK882 Datasheet HTML 1Page - Toshiba Semiconductor 2SK882 Datasheet HTML 2Page - Toshiba Semiconductor 2SK882 Datasheet HTML 3Page - Toshiba Semiconductor 2SK882 Datasheet HTML 4Page - Toshiba Semiconductor 2SK882 Datasheet HTML 5Page - Toshiba Semiconductor 2SK882 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK882
2007-11-01
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
2SK882
FM Tuner, VHF RF Amplifier Applications
• Low reverse transfer capacitance: Crss = 0.025 pF (typ.)
• Low noise figure: NF = 1.7dB (typ.)
• High power gain: Gps = 28dB (typ.)
• Recommend operation voltage: 5~15 V
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDS
20
V
Gate-source voltage
VGS
±5
V
Drain current
ID
30
mA
Drain power dissipation
PD
100
mW
Channel temperature
Tch
125
°C
Storage temperature
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VDS = 0, VGS = ±5 V
±50
nA
Drain-source voltage
VDSX
VGS = −4 V, ID = 100 μA
20
V
Drain current
IDSS
(Note)
VDS = 10 V, VGS = 0
3
14
mA
Gate-source cut-off voltage
VGS (OFF)
VDS = 10 V, ID = 100 μA
−2.5
V
Forward transfer admittance
⎪Yfs
VDS = 10 V, VGS = 0, f = 1 kHz
10
mS
Input capacitance
Ciss
3.0
4.3
pF
Reverse transfer capacitance
Crss
VDS = 10 V, VGS = 0, f = 1 MHz
0.025
0.04
pF
Power gain
Gps
20
28
dB
Noise figure
NF
VDS = 10 V, f = 100 MHz (Figure 1)
1.7
3.0
dB
Note: IDSS classification Y: 3.0~7.0 mA, GR: 6.0~14.0 mA
Unit: mm
JEDEC
JEITA
SC-70
TOSHIBA
2-2E1C
Weight: 0.006 g (typ.)


Podobny numer części - 2SK882

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SK882 TOSHIBA-2SK882 Datasheet
199Kb / 4P
   N CHANNEL MOS TYPE (FM TUNER, VHF RF AMPLIFIER APPLICATIONS)
More results

Podobny opis - 2SK882

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SK302 TOSHIBA-2SK302_07 Datasheet
864Kb / 7P
   Silicon N Channel MOS Type FM Tuner, VHF RF Amplifier Applications
2SK882 TOSHIBA-2SK882 Datasheet
199Kb / 4P
   N CHANNEL MOS TYPE (FM TUNER, VHF RF AMPLIFIER APPLICATIONS)
2SK1771 TOSHIBA-2SK1771_07 Datasheet
584Kb / 6P
   N-CHANNEL MOS TYPE (FM TUNER, VHF RF AMPLIFIER APPLICATIONS)
2SK1771 TOSHIBA-2SK1771 Datasheet
190Kb / 5P
   N-CHANNEL MOS TYPE (FM TUNER, VHF RF AMPLIFIER APPLICATIONS)
2SK302 TOSHIBA-2SK302 Datasheet
252Kb / 6P
   N CHANNEL MOS TYPE (FM TUNER, VHF RF AMPLIFIER APPLICATIONS)
3SK195 TOSHIBA-3SK195 Datasheet
223Kb / 4P
   N CHANNEL DUAL GATE MOS TYPE (TV TUNER, VHF RF AMPLIFIER ,FM TUNER APPLICATIONS)
3SK226 TOSHIBA-3SK226 Datasheet
214Kb / 4P
   N CHANNEL DUAL GATE MOS TYPE (TV TUNER, VHF RF AMPLIFIER , FM TUNER APPLICATIONS)
3SK258 TOSHIBA-3SK258 Datasheet
215Kb / 4P
   N CHANNEL DUAL GATE MOS TYPE (TV, FM TUNER VHF RF AMPLIFIER APPLICATIONS)
2SK241 TOSHIBA-2SK241 Datasheet
262Kb / 5P
   N CHANNEL MOS TYPE (FM TUNER, VHF AND FR AMPLIFIER APPLICATIONS)
2SK302-Y TOSHIBA-2SK302-Y Datasheet
377Kb / 7P
   FM Tuner, VHF RF Amplifier Applications
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com