Zakładka z wyszukiwarką danych komponentów |
|
SM2A220LT Arkusz danych(PDF) 1 Page - DB Lectro Inc |
|
SM2A220LT Arkusz danych(HTML) 1 Page - DB Lectro Inc |
1 / 2 page FEATURES ◆ Miniaturized low profile with 9mm to 25mm height ◆ Load life of 2000 hours at 85°C OUTLINE mm D 5 6.3 8 10131618 F 2.0 2.5 3.5 d SPECIFICATIONS 6.3 10 16 25 35 50 160 200 250 350 400 450 8 13 20 32 44 63 200 250 300 400 450 500 6.3 10 16 25 35 50 160 200 250 350 400 450 0.28 0.24 0.20 0.16 0.14 0.12 0.15 0.15 0.15 0.20 0.24 0.24 6.3 10 16 25 35 50 160 200 250 350 400 450 543222333666 12 10 8543666 - - - (1000 hours for 8 φ and smaller) Shelf Test Surge Voltage (25°C) W.V. W.V. Temperature Characteristics ◆ Impedance ratio at 120Hz Leakage Current Capacitance Change Capacitance Change ≤ ± 20% of initial value ≤ 200% of initial specified value Load Test ≤ ± 20% of initial value ≤ 200% of initial specified value ≤ initial specified value After 1000 hours, no voltage applied at +85°C, the capacitor shall meet the following limits: tan δ Leakage Current tan δ ≤ 200% of initial specified value Dissipation Factor (120Hz, 25°C) ◆ For capacitance exceeding 1000 u F, add 0.02 per increment of 1000 u F After 2000 hours application of WV at +85°C, the capacitor shall meet the following limits: - 40°C / + 25°C tan δ - 25°C / + 25°C W.V. S.V. I ≤ 0.01CV or 3 (u A) I ≤ 0.04CV + 100 (u A) Capacitance Tolerance (After 2 minutes applying the DC working voltage) (After 1 minute applying the DC working voltage) Leakage Current (25°C) ◆ I : Leakage Current (u A) ◆ C : Rated Capacitance (u F) ◆ V : Working Voltage (V) (120Hz, 25°C) Characteristics Items -40°C ~ +85°C -25°C ~ +85°C Operation Temperature Rated Working Voltage Range 6.3 ~ 250Vdc 350 ~ 450Vdc ± 20% (M) 7.5 0.5 5.0 0.6 0.8 RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR SM Series DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com |
Podobny numer części - SM2A220LT |
|
Podobny opis - SM2A220LT |