Zakładka z wyszukiwarką danych komponentów |
|
2SK3398 Arkusz danych(PDF) 1 Page - Toshiba Semiconductor |
|
2SK3398 Arkusz danych(HTML) 1 Page - Toshiba Semiconductor |
1 / 6 page 2SK3398 2006-11-06 1 TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSV) 2SK3398 Switching Regulator and DC-DC Converter Applications Motor Drive Applications • Low drain-source ON resistance: RDS (ON) = 0.4 mΩ (typ.) • High forward transfer admittance: |Yfs| = 9.0 S (typ.) • Low leakage current: IDSS = 100 μA (max) (VDS = 500 V) • Enhancement-mode: Vth = 2.0 to 4.0 V (VDS = 10 V, ID = 1 mA) Absolute Maximum Ratings (Ta = 25°C) Characteristics Symbol Rating Unit Drain-source voltage VDSS 500 V Drain-gate voltage (RGS = 20 kΩ) VDGR 500 V Gate-source voltage VGSS ±30 V DC (Note 1) ID 12 Drain current Pulse (Note 1) IDP 48 A Drain power dissipation (Tc = 25°C) PD 100 W Single pulse avalanche energy (Note 2) EAS 364 mJ Avalanche current IAR 12 A Repetitive avalanche energy (Note 3) EAR 10 mJ Channel temperature Tch 150 °C Storage temperature range Tstg −55 to150 °C Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Thermal Characteristics Characteristics Symbol Max Unit Thermal resistance, channel to case Rth (ch-c) 1.25 °C/W Note 1: Ensure that the channel temperature does not exceed 150°C. Note 2: VDD = 90 V, Tch = 25°C (initial), L = 5.85 mH, RG = 25 Ω, IAR = 12 A Note 3: Repetitive rating: pulse width limited by maximum channel temperature This transistor is an electrostatic-sensitive device. Please handle with caution. Unit: mm JEDEC ― JEITA SC-97 TOSHIBA 2-9F1B Weight: 0.74 g (typ.) Circuit Configuration 1 3 4 |
Podobny numer części - 2SK3398_06 |
|
Podobny opis - 2SK3398_06 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |