Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


2SK3440_06 Datasheet(Arkusz danych) 4 Page - Toshiba Semiconductor

Numer części 2SK3440_06
Szczegółowy opis  Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
Pobierz  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 4 page
background image
2SK3440
2006-11-17
4
Case temperature Tc (°C)
RDS (ON) – Tc
Drain-source voltage VDS (V)
IDR – VDS
Drain-source voltage VDS (V)
Capacitance – VDS
Case temperature Tc (°C)
Vth – Tc
Case temperature Tc (°C)
PD – Tc
Total gate charge Qg (nC)
Dynamic input/output characteristics
0
0.1
Common source
Tc
= 25°C
Pulse test
−0.4
1
10
100
1000
−0.8
−1.2
−1.4
VGS = 0 V
10
3
1
−1
−0.6
−0.2
0.1
10
100
1000
10000
1
10
100
Common source
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
Ciss
Coss
Crss
−40
0
40
80
120
160
−80
14
Common source
VGS = 10 V
Pulse test
6
2
0
ID = 50 A
12
25
4
10
8
12
200
120
10
0
40
80
120
160
40
80
160
200
0
4
8
16
20
0
0
20
60
80
100
40
120
80
12
40
VDS = 12 V
Common source
ID = 50 A
Tc
= 25°C
Pulse test
24
48
VDS
VGS
20
100
60
0
2
3
4
6
−80
−40
0
40
120
160
Common source
VDS = 10 V
ID = 1 mA
Pulse test
80
5
1




Html Pages

1  2  3  4  5  6 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
2SK3236_06Silicon N Channel MOS Type Switching Regulator Applications DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3388_06Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3389_06Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
2SK3302_06Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3398_06Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK2613_06Silicon N Channel MOS Type Switching Regulator Applications DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3342_07Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SJ619_06Silicon P Channel MOS Type Switching Regulator and DC-DC Converter Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SJ620_06Silicon P Channel MOS Type Switching Regulator and DC-DC Converter Applications 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl