Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


2SK3568 Datasheet(Arkusz danych) 5 Page - Toshiba Semiconductor

Numer części 2SK3568
Szczegółowy opis  Silicon N Channel MOS Type Switching Regulator Applications
Pobierz  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 5 page
background image
2SK3568
2006-11-06
5
0.01
10μ
0.1
1
10
100μ
1m
10m
100m
1
10
0.2
0.1
0.05
0.02
0.01
0.001
0.01
1
1
10
100
10
1000
100
100
μs *
1 ms *
CHANNEL TEMPERATURE (INITIAL)
Tch (°C)
rth – tw
PULSE WIDTH tw (s)
T
PDM
t
Duty
= t/T
Rth (ch-c) = 3.125°C/W
Duty=0.5
SINGLE PULSE
−15 V
15 V
TEST CIRCUIT
WAVE FORM
IAR
BVDSS
VDD
VDS
RG = 25 Ω
VDD = 90 V, L = 83mH
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS
DRAIN-SOURCE VOLTAGE VDS (V)
SAFE OPERATING AREA
SINGLE NONREPETITIVE PULSE
Tc=25℃
CURVES
MUST
BE
DERATED
LINEARLY
WITH
INCREASE
IN
TEMPERATURE.
ID max (PULSED) *
ID max (CONTINUOUS) *
DC OPERATION
Tc
= 25°C
1 ms *
VDSS max
EAS – Tch
500
400
300
200
100
0
25
50
75
100
125
150




Html Pages

1  2  3  4  5  6 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
2SK2605_06Silicon N Channel MOS Type Switching Regulator Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK2965_06Silicon N Channel MOS Type Switching Regulator DC−DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3236_06Silicon N Channel MOS Type Switching Regulator Applications DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3388_06Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3440_06Silicon N Channel MOS Type Switching Regulator DC-DC Converter Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3565_06Silicon N Channel MOS Type Switching Regulator Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3389_06Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3566Silicon N Channel MOS Type Switching Regulator Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK2508_06Silicon N Channel MOS Type Switching Regulator and DC−DC Converter and Motor Applications 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl