Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP848 Arkusz danych(PDF) 10 Page - Toshiba Semiconductor

Numer części TLP848
Szczegółowy opis  Personal Equipment and Small-sized OA Equipment
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP848 Arkusz danych(HTML) 10 Page - Toshiba Semiconductor

Back Button TLP848 Datasheet HTML 4Page - Toshiba Semiconductor TLP848 Datasheet HTML 5Page - Toshiba Semiconductor TLP848 Datasheet HTML 6Page - Toshiba Semiconductor TLP848 Datasheet HTML 7Page - Toshiba Semiconductor TLP848 Datasheet HTML 8Page - Toshiba Semiconductor TLP848 Datasheet HTML 9Page - Toshiba Semiconductor TLP848 Datasheet HTML 10Page - Toshiba Semiconductor TLP848 Datasheet HTML 11Page - Toshiba Semiconductor TLP848 Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TLP848
2007-10-01
10
1
10
100
1000
110
100
0.00
0.04
0.08
0.12
0.16
0.20
-40
-20
0
20
40
60
80
100
0.1
1
10
100
1000
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
0.2
0.4
0.6
0.8
1
1.2
-40
-20
0
20
40
60
80
100
Relative IC – Ta
(typ.)
Ambient temperature Ta (°C)
VCE = 2V
IF = 20mA
IF = 10mA
IF = 5mA
VCE (sat) – Ta
(typ.)
Ambient temperature Ta (°C)
IC = 0.15mA
IF = 10mA
Switching characteristics
(saturated operation)
(typ.)
Load resistance RL (kΩ)
Ta = 25°C
IF = 20mA
VCC = 5V
VOUT ≧ 4.65V
tr
ts
tf
td
Switching characteristics
(non saturated operation) (typ.)
Load resistance RL (kΩ)
tr, tf
td
ts
Ta = 25°C
VCC = 5V
VOUT = 1V
ID (ICEO) – Ta
(typ.)
Ambient temperature Ta (°C)
VCE = 12V


Podobny numer części - TLP848

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP841 TOSHIBA-TLP841 Datasheet
188Kb / 8P
   Infrared LED Phototransistor
More results

Podobny opis - TLP848

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
CSLF3228 SUMIDA-CSLF3228 Datasheet
413Kb / 4P
   CAN Bus, AV/OA equipment
logo
Sanyo Semicon Device
LB1824 SANYO-LB1824 Datasheet
134Kb / 9P
   Power Brushless Motor Driver for OA Equipment
logo
Sumida Corporation
CPFC0605 SUMIDA-CPFC0605 Datasheet
526Kb / 4P
   CAN Bus, LED head lamp unit, AV/OA equipment
logo
Toshiba Semiconductor
TLP1023 TOSHIBA-TLP1023 Datasheet
364Kb / 7P
   OA EQUIPMENT SUCH AS COPYING MACHINE, PRINTER, FACSMILE, ETC.
logo
Omron Electronics LLC
XM2A-0901 OMRON-XM2A-0901 Datasheet
576Kb / 1P
   D-sub Connectors Ideal for Interfacing with OA Equipment
XM2S-0913 OMRON-XM2S-0913 Datasheet
576Kb / 1P
   D-sub Connectors Ideal for Interfacing with OA Equipment
logo
Sumida Corporation
CPFC94B SUMIDA-CPFC94B Datasheet
415Kb / 4P
   CAN Bus, LED head lamp unit, AV/OA equipment
logo
Sanyo Semicon Device
LB1923M SANYO-LB1923M Datasheet
110Kb / 17P
   Power Brushless Motor Pre-Driver IC for OA Equipment
LB1821M SANYO-LB1821M Datasheet
223Kb / 16P
   Power Brushless Motor Pre-Driver IC for OA Equipment
logo
Carling Technologies
62116919-0-9-V CARLINGTECH-62116919-0-9-V Datasheet
600Kb / 4P
   Small-sized Rocker switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com