Zakładka z wyszukiwarką danych komponentów |
|
TLP833 Arkusz danych(PDF) 7 Page - Toshiba Semiconductor |
|
TLP833 Arkusz danych(HTML) 7 Page - Toshiba Semiconductor |
7 / 8 page TLP833(F) 2007-10-01 7 Relative Positioning Of Shutter And Device For normal operation position the shutter and the device as shown in the figure below. By considering the device's detection direction characteristic and switching time, determine the shutter slit width and pitch. Detection Position Characteristics(1) (typ.) Distance d (mm) 1.2 0 −3 1.0 0.8 0.6 0.4 0.2 −2 −1 0 1 2 3 4 Detection Position d=0±0.3mm 0 − + d IF = 10mA VCE = 2V Ta = 25°C Shutter Detection Position Characteristics (2) (typ.) Distance d (mm) 1.2 0 1.0 0.8 0.6 0.4 0.2 10 11 12 13 14 15 16 d IF=10mA VCE=2V Ta=25°C Shutter +1.5 Detection Position d=12−1.1mm Shutter A A′ Center of sensor Cross section between A and A′ Unit in mm |
Podobny numer części - TLP833_07 |
|
Podobny opis - TLP833_07 |