Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP833 Arkusz danych(PDF) 6 Page - Toshiba Semiconductor

Numer części TLP833
Szczegółowy opis  Copiers, Printers, Fax Machines
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP833 Arkusz danych(HTML) 6 Page - Toshiba Semiconductor

  TLP833 Datasheet HTML 1Page - Toshiba Semiconductor TLP833 Datasheet HTML 2Page - Toshiba Semiconductor TLP833 Datasheet HTML 3Page - Toshiba Semiconductor TLP833 Datasheet HTML 4Page - Toshiba Semiconductor TLP833 Datasheet HTML 5Page - Toshiba Semiconductor TLP833 Datasheet HTML 6Page - Toshiba Semiconductor TLP833 Datasheet HTML 7Page - Toshiba Semiconductor TLP833 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TLP833(F)
2007-10-01
6
Relative IC – Ta
(typ.)
Ambient temperature Ta (°C)
1.2
0.2
1.0
0.8
0.6
0.4
−40
−20
0
20
40
60
80
100
VCE = 2 V
IF = 20 mA
IF = 10 mA
IF = 5 mA
VCE(sat) – Ta
(typ.)
Ambient temperature Ta (°C)
0.20
0
−40
0.16
0.12
0.08
0.04
−20
0
20
40
60
80
100
IC = 0.5 mA
IF = 20 mA
Switching Characteristics
(non saturated operation)
(typ.)
Load resistance RL (kΩ)
500
0.3
0.1
300
100
50
30
10
5
3
1
0.5
0.3 0.5
1
3
5
10
30
50
ts
td
trtf
Ta = 25 °C
VCC = 5 V
VOUT = 1 V
Switching Characteristics
(saturated operation)
(typ.)
Load resistance RL (kΩ)
3000
3
1
1000
500
300
100
50
30
10
5
3
5
10
30
50
100
300 500
td
tr
ts
tf
Ta = 25 °C
IF = 20 mA
VCC = 5 V
VOUT ≧ 4.65V
ID(ICEO) – Ta
(typ.)
Ambient temperature Ta (°C)
5
0
1
10
−1
10
−2
10
−3
10
−4
20
40
60
80
100
120
VCE = 24 V
10
5
VOUT
VCC
IF
RL
90%
10%
VOUT
tf
ts
IF
td
tr
Switching Time Test Circuit


Podobny numer części - TLP833

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP833 TOSHIBA-TLP833 Datasheet
363Kb / 8P
   COPIERS, PRINTERS, FAX MACHINES VCRS, MICROWAVE OVENS, AIR CONDITIONERS
More results

Podobny opis - TLP833

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP1243 TOSHIBA-TLP1243_07 Datasheet
215Kb / 9P
   Copiers, Printers and Fax Machines Air-conditioners Game Machines
TLP1255 TOSHIBA-TLP1255 Datasheet
192Kb / 7P
   Copiers, Printers and Fax Machines Air Conditioners Game Machines
TLP833 TOSHIBA-TLP833 Datasheet
363Kb / 8P
   COPIERS, PRINTERS, FAX MACHINES VCRS, MICROWAVE OVENS, AIR CONDITIONERS
TLN119 TOSHIBA-TLN119 Datasheet
224Kb / 5P
   PRINTERS,FAX MACHINES FLOPPY DISK DRIVE HOME ELECTRIC EQUIPMENT.
logo
Shenzhen Huazhimei Semi...
HM8563 HMSEMI-HM8563 Datasheet
914Kb / 22P
   OA equipments such as Fax machines
logo
Toshiba Semiconductor
TCD1209DG TOSHIBA-TCD1209DG Datasheet
177Kb / 2P
   2048-elements, for optical character reader(OCR) and fax machines
TPS820 TOSHIBA-TPS820 Datasheet
139Kb / 5P
   Photo-Electric Switches Copiers, Printers, and Facsimiles Luminosity Adjustment for Various Types of Equipment
logo
EUROQUARTZ limited
3EQHM53Y EUROQUARTZ-3EQHM53Y Datasheet
268Kb / 2P
   Printers, Multiple Function Printers (MPCs)
3EQHM57P EUROQUARTZ-3EQHM57P Datasheet
273Kb / 2P
   Printers, Multiple Function Printers (MPCs)
3EQHM53R EUROQUARTZ-3EQHM53R Datasheet
288Kb / 2P
   Printers, Multiple Function Printers (MPCs)
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com