Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP832 Arkusz danych(PDF) 9 Page - Toshiba Semiconductor

Numer części TLP832
Szczegółowy opis  Electronic Equipment Such As VCRS And CD Players
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP832 Arkusz danych(HTML) 9 Page - Toshiba Semiconductor

Back Button TLP832_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP832_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP832_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP832_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP832_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP832_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP832_07 Datasheet HTML 8Page - Toshiba Semiconductor TLP832_07 Datasheet HTML 9Page - Toshiba Semiconductor TLP832_07 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TLP832(F)
2007-10-01
9
Relative Positioning Of Shutter And Device
For normal operation position the shutter and the device as shown in the figure below. By considering the device’s
detection direction characteristic and switching time, determine the shutter slit width and pitch.
Detection position
Characteristics(1)
(typ.)
Distance d (mm)
1.2
0.2
−3
1.0
0.8
0.6
0.4
−2
−1
0
1
2
3
4
0
+
0
d
Detection
position
d=0±0.3mm
IF = 10 mA
VCE = 2 V
Ta = 25 °C
d=7.95−1.35mm
Detection position
Characteristics(2)
(typ.)
Distance d (mm)
1.2
0.2
5
1.0
0.8
0.6
0.4
6
7
8
9
10
11
12
0
d
Shutter
Detection position
+1.25
IF = 10 mA
VCE = 2 V
Ta = 25 °C
Shutter
Shutter
A
Cross section between A and A´
Center of sensor
Unit:mm


Podobny numer części - TLP832_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP832 TOSHIBA-TLP832 Datasheet
419Kb / 10P
   PHOTO-INTERRUPTER
More results

Podobny opis - TLP832_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP831 TOSHIBA-TLP831_07 Datasheet
276Kb / 8P
   Home Electronics Equipment Such As VCRS And CD Players
TLP1032 TOSHIBA-TLP1032 Datasheet
226Kb / 9P
   Domestic electrical appliances such as VTRs and CD players
TLP1037A TOSHIBA-TLP1037A Datasheet
152Kb / 7P
   DOMESTIC ELECTRICAL APPLIANCES SUCH AS VTRS AND CD PLAYERS
TLP1006A TOSHIBA-TLP1006A Datasheet
403Kb / 9P
   HOME ELECTRIC EQUIPMENT SUCH AS VCR,CD PLAYER
logo
Guangdong Youtai Semico...
HT75XX UMW-HT75XX Datasheet
722Kb / 10P
   Power supply equipment such as batteries
logo
Rohm
RLD78MYA1 ROHM-RLD78MYA1 Datasheet
74Kb / 3P
   CD players, CD-ROM laser diode
BH6505K ROHM-BH6505K Datasheet
209Kb / 12P
   PWM driver for CD and MD players
BA5970FP ROHM-BA5970FP Datasheet
150Kb / 9P
   4-channel BTL driver for CD players and CD-ROMs
BA5916FP ROHM-BA5916FP Datasheet
132Kb / 8P
   4-channel BTL driver for CD players and CD-ROMs
BH6504K ROHM-BH6504K Datasheet
271Kb / 15P
   PWM driver for CD and MD players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com