Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP832F Arkusz danych(PDF) 8 Page - Toshiba Semiconductor

Numer części TLP832F
Szczegółowy opis  Electronic Equipment Such As VCRS And CD Players
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP832F Arkusz danych(HTML) 8 Page - Toshiba Semiconductor

Back Button TLP832F Datasheet HTML 2Page - Toshiba Semiconductor TLP832F Datasheet HTML 3Page - Toshiba Semiconductor TLP832F Datasheet HTML 4Page - Toshiba Semiconductor TLP832F Datasheet HTML 5Page - Toshiba Semiconductor TLP832F Datasheet HTML 6Page - Toshiba Semiconductor TLP832F Datasheet HTML 7Page - Toshiba Semiconductor TLP832F Datasheet HTML 8Page - Toshiba Semiconductor TLP832F Datasheet HTML 9Page - Toshiba Semiconductor TLP832F Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TLP832(F)
2007-10-01
8
Relative IC – Ta
(typ.)
Ambient temperature Ta (°C)
VCE = 2 V
IF = 20 mA
IF = 10 mA
IF = 5 mA
1.2
−40
1.0
0.8
0.6
−20
20
40
80
100
0.4
0.2
0
60
VCE(sat) – Ta
(typ.)
Ambient temperature Ta (°C)
IC = 0.5 mA
IF = 20 mA
0.20
−40
0.16
0.12
0.08
−20
20
40
80
100
0.04
0
0
60
Switching characteristics
(saturated operation)
(typ.)
Load resistance RL (kΩ)
Ta = 25 °C
IF = 20 mA
VCC = 5 V
VOUT ≧ 4.65 V
3000
1
1000
500
100
3
10
30
300 500
50
3
5
50
300
30
10
5
100
tf
ts
tr
td
ID(ICEO) Ta
(typ.)
Ambient temperature Ta (°C)
5
10
−4
0
1
10
−1
10
−2
10
−3
20
40
60
80
100
120
VCE = 24 V
10
5
Switching characteristics
(non saturated operation)
(typ.)
Load resistance RL (kΩ)
Ta = 25 °C
VCC = 5 V
VOUT = 1 V
500
0.5
0.1
100
30
10
1
0.3 0.5
1
3
5
10
30 50
300
50
5
3
0.3
tr, tf
td
ts


Podobny numer części - TLP832F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP832 TOSHIBA-TLP832 Datasheet
419Kb / 10P
   PHOTO-INTERRUPTER
More results

Podobny opis - TLP832F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP831 TOSHIBA-TLP831_07 Datasheet
276Kb / 8P
   Home Electronics Equipment Such As VCRS And CD Players
TLP1032 TOSHIBA-TLP1032 Datasheet
226Kb / 9P
   Domestic electrical appliances such as VTRs and CD players
TLP1037A TOSHIBA-TLP1037A Datasheet
152Kb / 7P
   DOMESTIC ELECTRICAL APPLIANCES SUCH AS VTRS AND CD PLAYERS
TLP1006A TOSHIBA-TLP1006A Datasheet
403Kb / 9P
   HOME ELECTRIC EQUIPMENT SUCH AS VCR,CD PLAYER
logo
Guangdong Youtai Semico...
HT75XX UMW-HT75XX Datasheet
722Kb / 10P
   Power supply equipment such as batteries
logo
Rohm
RLD78MYA1 ROHM-RLD78MYA1 Datasheet
74Kb / 3P
   CD players, CD-ROM laser diode
BH6505K ROHM-BH6505K Datasheet
209Kb / 12P
   PWM driver for CD and MD players
BA5970FP ROHM-BA5970FP Datasheet
150Kb / 9P
   4-channel BTL driver for CD players and CD-ROMs
BA5916FP ROHM-BA5916FP Datasheet
132Kb / 8P
   4-channel BTL driver for CD players and CD-ROMs
BH6504K ROHM-BH6504K Datasheet
271Kb / 15P
   PWM driver for CD and MD players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com