Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP831 Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części TLP831
Szczegółowy opis  Home Electronics Equipment Such As VCRS And CD Players
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP831 Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  TLP831_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP831_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP831_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP831_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP831_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP831_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP831_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP831_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TLP831(F)
2007-10-01
5
IF – Ta
Ambient temperature Ta (°C)
80
0
0
20
40
60
80
100
20
40
60
PC – Ta
Ambient temperature Ta (°C)
80
0
0
20
40
60
80
100
20
40
60
IC – IF
Forward current IF (mA)
1
3
5
10
30
50
100
10
0.1
0.3
0.5
1
3
5
Ta = 25 °C
VCE = 2 V
VCE = 0.4 V
Sample 1
Sample 2
IC – VCE
(typ.)
Collector-emitter voltage VCE (V)
20
6
0
0
2
4
6
8
10
2
3
4
5
1
12
IF = 5 mA
10
15
Ta = 25 °C
IF – VF
(typ.)
Forward voltage VF (V)
0
50
1
0.8
0.9
1.0
1.1
1.2
1.3
1.4
3
5
10
30
Ta=75°C
50
25
−25
IC/IF – IF
Forward current IF (mA)
100
1
3
5
10
30
50
100
3
5
10
30
50
Ta = 25 °C
VCE = 2 V
VCE = 0.4 V
Sample 2
Sample 1


Podobny numer części - TLP831_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP831 TOSHIBA-TLP831 Datasheet
334Kb / 7P
   PHOTOINTERRUPTER INFRARED LED PHOTOTRANSISTOR
More results

Podobny opis - TLP831_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP832 TOSHIBA-TLP832_07 Datasheet
253Kb / 10P
   Electronic Equipment Such As VCRS And CD Players
TLP1006A TOSHIBA-TLP1006A Datasheet
403Kb / 9P
   HOME ELECTRIC EQUIPMENT SUCH AS VCR,CD PLAYER
TLP1032 TOSHIBA-TLP1032 Datasheet
226Kb / 9P
   Domestic electrical appliances such as VTRs and CD players
TLP1037A TOSHIBA-TLP1037A Datasheet
152Kb / 7P
   DOMESTIC ELECTRICAL APPLIANCES SUCH AS VTRS AND CD PLAYERS
logo
Guangdong Youtai Semico...
HT75XX UMW-HT75XX Datasheet
722Kb / 10P
   Power supply equipment such as batteries
logo
Rohm
RLD78MYA1 ROHM-RLD78MYA1 Datasheet
74Kb / 3P
   CD players, CD-ROM laser diode
BH6505K ROHM-BH6505K Datasheet
209Kb / 12P
   PWM driver for CD and MD players
BA5970FP ROHM-BA5970FP Datasheet
150Kb / 9P
   4-channel BTL driver for CD players and CD-ROMs
BA5916FP ROHM-BA5916FP Datasheet
132Kb / 8P
   4-channel BTL driver for CD players and CD-ROMs
BH6504K ROHM-BH6504K Datasheet
271Kb / 15P
   PWM driver for CD and MD players
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com